Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP311.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP311..
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP311.. Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP311.. Datasheet HTML 1Page - Vishay Siliconix TSOP311.. Datasheet HTML 2Page - Vishay Siliconix TSOP311.. Datasheet HTML 3Page - Vishay Siliconix TSOP311.. Datasheet HTML 4Page - Vishay Siliconix TSOP311.. Datasheet HTML 5Page - Vishay Siliconix TSOP311.. Datasheet HTML 6Page - Vishay Siliconix TSOP311.. Datasheet HTML 7Page - Vishay Siliconix TSOP311.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSOP311.., TSOP313.., TSOP315..
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 02-Aug-2021
2
Document Number: 82493
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability
PARTS TABLE
AGC
LEGACY, FOR SHORT BURST
REMOTE CONTROLS (AGC1)
NOISY ENVIRONMENTS AND
SHORT BURSTS (AGC3)
VERY NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC5)
Carrier
frequency
30 kHz
TSOP31130
TSOP31330
TSOP31530
33 kHz
TSOP31133
TSOP31333
TSOP31533
36 kHz
TSOP31136
TSOP31336 (1)(6)
TSOP31536
38 kHz
TSOP31138
TSOP31338 (2)(3)(4)(5)
TSOP31538
40 kHz
TSOP31140
TSOP31340
TSOP31540
56 kHz
TSOP31156
TSOP31356
TSOP31556
Package
Cast
Pinning
1 = GND, 2 = VS, 3 = OUT
1 = GND, 2 = VS, 3 = OUT
1 = GND, 2 = VS, 3 = OUT
Dimensions (mm)
10.0 W x 12.5 H x 5.8 D
Mounting
Leaded
Application
Remote control
Best remote control code
(1) MCIR (2) Mitsubishi (3) RECS-80 Code (4) r-map (5) XMP-1, XMP-2 (6) RCMM
Special options
• Low voltage option: www.vishay.com/doc?82382
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage (pin 2)
VS
-0.3 to +6
V
Supply current (pin 2)
IS
3mA
Output voltage (pin 3)
VO
-0.3 to (VS + 0.3)
V
Output current (pin 3)
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
-25 to +85
°C
Operating temperature range
Tamb
-25 to +85
°C
Power consumption
Tamb
≤ 85 °C
Ptot
10
mW
Soldering temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C
ELECTRICAL AND OPTICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply current (pin 2)
Ev = 0, VS = 3.3 V
ISD
0.27
0.35
0.45
mA
Ev = 40 klx, sunlight
ISH
-0.45
-
mA
Supply voltage
VS
2.5
-
5.5
V
Transmission distance
Ev = 0, test signal see Fig. 1,
IR diode TSAL6200, IF = 50 mA
d-
24
-
m
Output voltage low (pin 3)
IOSL = 0.5 mA, Ee = 0.7 mW/m2,
test signal see Fig. 1
VOSL
-
-
100
mV
Minimum irradiance
Pulse width tolerance:
tpi - 5/fo < tpo < tpi + 6/fo, test signal
see Fig. 1
Ee min.
-
0.12
0.25
mW/m2
Maximum irradiance
tpi - 5/fo < tpo < tpi + 6/fo, test signal
see Fig. 1
Ee max.
30
-
-
W/m2
Directivity
Angle of half transmission
distance
ϕ1/2
-± 45
-
°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com