Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP322.. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP322..
Description  IR Receiver Modules for Remote Control Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP322.. Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP322.. Datasheet HTML 1Page - Vishay Siliconix TSOP322.. Datasheet HTML 2Page - Vishay Siliconix TSOP322.. Datasheet HTML 3Page - Vishay Siliconix TSOP322.. Datasheet HTML 4Page - Vishay Siliconix TSOP322.. Datasheet HTML 5Page - Vishay Siliconix TSOP322.. Datasheet HTML 6Page - Vishay Siliconix TSOP322.. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSOP322.., TSOP324.., TSOP344.., TSOP348..
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 14-Dec-2021
1
Document Number: 82489
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Modules for Remote Control Systems
LINKS TO ADDITIONAL RESOURCES
DESCRIPTION
The TSOP322.., TSOP348.., TSOP324.. and TSOP344..
series are miniaturized IR receiver modules for infrared
remote control systems. A PIN diode and a preamplifier are
assembled on lead frame, the epoxy package contains an IR
filter.
The demodulated output signal can be directly connected to
a microprocessor for decoding.
The TSOP324.., TSOP344.. series devices are optimized
to suppress almost all spurious pulses from energy saving
lamps like CFLs. The AGC4 used in the TSOP324..,
TSOP344..
may
suppress
some
data
signals.
The
TSOP322.., TSOP348.. series are provided primarily for
compatibility with old AGC2 designs. New designs should
prefer the TSOP324.., TSOP344.. series containing the
newer AGC4.
These components have not been qualified according to
automotive specifications.
FEATURES
• Very low supply current
• Photo detector and preamplifier in one package
• Internal filter for PCM frequency
• Supply voltage: 2.5 V to 5.5 V
• Improved immunity against ambient light
• Insensitive to supply voltage ripple and noise
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
MECHANICAL DATA
Pinning for TSOP348.., TSOP344..:
1 = OUT, 2 = GND, 3 = VS
Pinning for TSOP322.., TSOP324..:
1 = OUT, 2 = VS, 3 = GND
ORDERING CODE
TSOP32.., TSOP34.. - 2160 pieces in tubes
BLOCK DIAGRAM
APPLICATION CIRCUIT
16672
1
2
3
2
3
Product Page
333
DDD3 D
3D Models
Calculators
Marking
Packages
Holders
Bends and Cuts
30 k
Ω
GND
V
S
OUT
Demo-
pass
AGC
Input
PIN
Band
dulator
Control circuit
16833-22
C1
IR receiver
GND
μC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170-11
OUT
R
1 and C1 recommended to reduce supply ripple for VS < 2.8 V


Similar Part No. - TSOP322..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP322 VISHAY-TSOP322 Datasheet
252Kb / 8P
IR Receiver Modules for Remote Control Systems
28-Apr-03
TSOP32230 VISHAY-TSOP32230 Datasheet
195Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP32230 VISHAY-TSOP32230 Datasheet
152Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP32230UH1 VISHAY-TSOP32230UH1 Datasheet
252Kb / 8P
IR Receiver Modules for Remote Control Systems
28-Apr-03
TSOP32230 VISHAY-TSOP32230_08 Datasheet
152Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
More results

Similar Description - TSOP322..

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP4830ON1 VISHAY-TSOP4830ON1 Datasheet
405Kb / 7P
IR Receiver Modules for Remote Control Systems
15-Oct-2002
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
IR Receiver Modules for Remote Control Systems
31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
IR Receiver Modules for Remote Control Systems
26-Sep-08
TSOP31230 VISHAY-TSOP31230 Datasheet
160Kb / 8P
IR Receiver Modules for Remote Control Systems
19-Aug-08
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
IR Receiver Modules for Remote Control Systems
10-Jun-08
TSOP372 VISHAY-TSOP372 Datasheet
257Kb / 11P
IR Receiver Modules for Remote Control Systems
11-Nov-15
TSOP572 VISHAY-TSOP572 Datasheet
259Kb / 11P
IR Receiver Modules for Remote Control Systems
10-Nov-15
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
IR Receiver Modules for Remote Control Systems
22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
IR Receiver Modules for Remote Control Systems
13-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com