Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP-UART Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TP-UART
Description  TP-UART-IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TP-UART Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TP-UART Datasheet HTML 1Page - Siemens Semiconductor Group TP-UART Datasheet HTML 2Page - Siemens Semiconductor Group TP-UART Datasheet HTML 3Page - Siemens Semiconductor Group TP-UART Datasheet HTML 4Page - Siemens Semiconductor Group TP-UART Datasheet HTML 5Page - Siemens Semiconductor Group TP-UART Datasheet HTML 6Page - Siemens Semiconductor Group TP-UART Datasheet HTML 7Page - Siemens Semiconductor Group TP-UART Datasheet HTML 8Page - Siemens Semiconductor Group TP-UART Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TP-UART-IC
The reproduction, transmission or use of this document or it‘s contents is not permitted without express written authority. All
rights, including right created by patent grant or registration of a utility model or design, are reserved. Technical changes
reserved.
25.15.10.41.33a
25.10.01
page
3
1
The ANALOG - PART
1.1
General Device Specification
1.1.1 Absolute Maximum Ratings
All voltages are referring to VB-. Currents are declared positive in case of flowing into pin.
Symbol
Parameter
Min
Max
Unit
Note
VB+
positive line voltage
-0.5
45
V
1)
VCC
positive voltage supply (internal or external supply)
-0.5
7
V
2)
VIF
positive external voltage supply
-0.5
7
V
2)
VVSP
interstate voltage (generated by on-chip regulator)
-0.5
13
V
2)
VTxO
voltage on pin Tx0
-0.5
45
V
1)
VRxIN
voltage on pin RxIN
-15
45
V
1) 4)
VLV1
voltage on low voltage pins MODE0, MODE1, TSTIN,
TESTMODE
-0.5
VCC +0.5
V
VLV2
voltage on low voltage pins TxD, RESn, TSTOUT, X1,
X2, RxD
-0.5
VIF +0.5
V
ϑ
j
junction temperature
170
ο
C
ϑ
S
storage temperature
-65
170
ο
C
VESD
max. ESD stress voltage
± 1000
V
3)
ILATCHUP
static current for latchup initialization
± 50
mA
Rth
thermal resistance of the SOIC-20 package
58.5
71.5
K/W
PV
maximum power dissipation
1
W
1) During surge impulse is allowed and guaranteed by ext. elements:
-20 V for
2 µsec and
65 V for 150 µsec
2) Allowed voltage relations:
(a) VCC and VVSP normal / VB+ and VIF can be 0 V
(b) VVSP normal / VCC , VB+ and VIF can be 0 V
(c) VIF normal / VCC , VB+ and VVSP can be 0 V
The combination: VCC normal and VVSP = 0 V is not allowed!
3) Human body model: 100 pF, 1.5 k
Ω
4) Dynamic via CREC= 47 nF in case of switching-on the bus voltage
1.1.2 Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit Note
VB+
positive line voltage
20
33
V
1)
VCC
positive voltage supply for external supply
(digital test modes with SHB = 0)
4.75
5.25
V
VIF
positive external supply voltage
3.0
5.25
V
ϑ
amb
ambient temperature
-25
85
ο
C
fclk
clock frequency (external quartz)
4.9152
MHz
1) DC voltage of bus, with signal and compensation pulse 11 V ... 45 V
1.1.3 Humidity Level
The valid susceptibility against humidity is described by JEDEC JESD22-A112, table 1, level
5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com