Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP583.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP583..
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP583.. Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP583.. Datasheet HTML 1Page - Vishay Siliconix TSOP583.. Datasheet HTML 2Page - Vishay Siliconix TSOP583.. Datasheet HTML 3Page - Vishay Siliconix TSOP583.. Datasheet HTML 4Page - Vishay Siliconix TSOP583.. Datasheet HTML 5Page - Vishay Siliconix TSOP583.. Datasheet HTML 6Page - Vishay Siliconix TSOP583.. Datasheet HTML 7Page - Vishay Siliconix TSOP583.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSOP581.., TSOP583.., TSOP585..
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 21-Apr-2022
2
Document Number: 82462
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability
PARTS TABLE
AGC
LEGACY PRODUCT FOR
SHORT BURST REMOTE
CONTROLS (AGC1)
NOISY ENVIRONMENTS AND
SHORT BURSTS (AGC3)
VERY NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC5)
Carrier
frequency
30 kHz
TSOP58130
TSOP58330
TSOP58530
33 kHz
TSOP58133
TSOP58333
TSOP58533
36 kHz
TSOP58136
TSOP58336 (1)
TSOP58536
38 kHz
TSOP58138
TSOP58338 (2)(3)(4)(5)
TSOP58538
40 kHz
TSOP58140
TSOP58340
TSOP58540
56 kHz
TSOP58156
TSOP58356
TSOP58556
Package
Minicast
Pinning
1 = OUT, 2 = GND, 3 = VS
Dimensions (mm)
5.0 W x 6.95 H x 4.8 D
Mounting
Leaded
Application
Remote control
Best choice for
(1) MCIR (2) Mitsubishi (3) RECS-80 Code (4) r-map (5) XMP-1, XMP-2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage
VS
-0.3 to +6
V
Supply current
IS
5mA
Output voltage
VO
-0.3 to 5.5
V
Voltage at output to supply
VS - VO
-0.3 to (VS + 0.3)
V
Output current
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
-25 to +85
°C
Operating temperature range
Tamb
-25 to +85
°C
Power consumption
Tamb
≤ 85 °C
Ptot
10
mW
Soldering temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C
ELECTRICAL AND OPTICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VS
2.5
-
5.5
V
Supply current
VS = 5 V, Ev = 0
ISD
0.55
0.7
0.9
mA
Ev = 40 klx, sunlight
ISH
-0.8
-
mA
Transmission distance
Ev = 0, IR diode TSAL6200,
IF = 50 mA, test signal see Fig. 1
d-
18
-
m
Output voltage low
IOSL = 0.5 mA, Ee = 0.7 mW/m2,
test signal see Fig. 1
VOSL
-
-
100
mV
Minimum irradiance
Pulse width tolerance:
tpi - 5/fo < tpo < tpi + 6/fo, test signal
see Fig. 1
Ee min.
-0.2
0.4
mW/m2
Maximum irradiance
tpi - 5/fo < tpo < tpi + 6/fo, test signal
see Fig. 1
Ee max.
50
-
-
W/m2
Directivity
Angle of
half transmission distance
ϕ1/2
-± 45
-
deg



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com