Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP592..TR1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP592..TR1
Description  IR Receiver Modules for Remote Control Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP592..TR1 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP592..TR1 Datasheet HTML 1Page - Vishay Siliconix TSOP592..TR1 Datasheet HTML 2Page - Vishay Siliconix TSOP592..TR1 Datasheet HTML 3Page - Vishay Siliconix TSOP592..TR1 Datasheet HTML 4Page - Vishay Siliconix TSOP592..TR1 Datasheet HTML 5Page - Vishay Siliconix TSOP592..TR1 Datasheet HTML 6Page - Vishay Siliconix TSOP592..TR1 Datasheet HTML 7Page - Vishay Siliconix TSOP592..TR1 Datasheet HTML 8Page - Vishay Siliconix TSOP592..TR1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TSOP592..TR1, TSOP594..TR1
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 14-Apr-2021
2
Document Number: 82789
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability
PARTS TABLE
AGC
NOISY ENVIRONMENTS
AND LONG BURSTS (AGC2)
VERY NOISY ENVIRONMENTS
AND LONG BURSTS (AGC4)
Carrier
frequency
30 kHz
TSOP59230TR1
TSOP59430TR1
33 kHz
TSOP59233TR1
TSOP59433TR1
36 kHz
TSOP59236TR1
TSOP59436TR1 (1)(2)(3)
38 kHz
TSOP59238TR1
TSOP59438TR1 (4)(5)
40 kHz
TSOP59240TR1
TSOP59440TR1
56 kHz
TSOP59256TR1
TSOP59456TR1 (6)(7)
Package
TVCastSMD
Pinning
1, 4 = GND, 2 = VS, 3 = OUT
Dimensions (mm)
6.8 W x 2.6 H x 5.3 D
Mounting
SMD
Application
Remote control
Best choice for
(1) RC-5 (2) RC-6 (3) Panasonic (4) NEC (5) Sharp (6) r-step (7) Thomson RCA
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage
VS
-0.3 to +6
V
Supply current
IS
5mA
Output voltage
VO
-0.3 to 5.5
V
Voltage at output to supply
VS - VO
-0.3 to (VS + 0.3)
V
Output current
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
-25 to +85
°C
Operating temperature range
Tamb
-25 to +85
°C
Power consumption
Tamb
≤ 85 °C
Ptot
10
mW
ELECTRICAL AND OPTICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply current
Ev = 0, VS = 5 V
ISD
0.55
0.7
0.9
mA
Ev = 40 klx, sunlight
ISH
-0.8
-
mA
Supply voltage
VS
2.5
-
5.5
V
Transmission distance
Ev = 0, test signal see Fig. 1,
IR diode TSAL6200, IF = 50 mA
d-
18
-
m
Output voltage low
IOSL = 0.5 mA, Ee = 0.7 mW/m2, test signal see Fig. 1
VOSL
-
-
100
mV
Minimum irradiance
Pulse width tolerance:
tpi - 5/fo < tpo < tpi + 6/fo, test signal see Fig. 1
Ee min.
-0.2
0.4
mW/m2
Maximum irradiance
tpi - 5/fo < tpo < tpi + 6/fo, test signal see Fig. 1
Ee max.
50
-
-
W/m2
Directivity
Angle of half transmission distance
ϕ1/2
-± 45
-
deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com