Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP593..TR1 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TSOP593..TR1
Description  IR Receiver Modules for Remote Control Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP593..TR1 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TSOP593..TR1 Datasheet HTML 4Page - Vishay Siliconix TSOP593..TR1 Datasheet HTML 5Page - Vishay Siliconix TSOP593..TR1 Datasheet HTML 6Page - Vishay Siliconix TSOP593..TR1 Datasheet HTML 7Page - Vishay Siliconix TSOP593..TR1 Datasheet HTML 8Page - Vishay Siliconix TSOP593..TR1 Datasheet HTML 9Page - Vishay Siliconix TSOP593..TR1 Datasheet HTML 10Page - Vishay Siliconix TSOP593..TR1 Datasheet HTML 11Page - Vishay Siliconix TSOP593..TR1 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TSOP593..TR1, TSOP595..TR1
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 14-Apr-2021
8
Document Number: 82790
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VISHAY LEAD (Pb)-FREE REFLOW SOLDER PROFILE
TAPING VERSION TSOP..TR DIMENSIONS in millimeters
max. 120 s
max. 100 s
max. 20 s
Max. ramp up 3 °C/s
max. 260 °C
10
100
1000
10000
0
50
100
250
300
0
300
Axis Title
Time (s)
250
200
150
100
50
200
150
245 °C
217 °C
240 °C
255 °C
Max. ramp down 6 °C/s
Max. 2 cycles allowed
19800
A-A (2:1)
AA
B
B
(1.75)
(7.5)
(16)
(Ø 1.5)
(Ø 1.5)
(7.35)
5.58
()
0.3
()
Technical drawings
according to DIN
specification.
Drawing-No.: MM-200-229.01-4_Z
Issue A: 24.04.17
B-B (2:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com