Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APB Datasheet(PDF) 2 Page - C&K Components

Part # APB
Description  Backlit Pushbutton Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

APB Datasheet(HTML) 2 Page - C&K Components

  APB Datasheet HTML 1Page - C&K Components APB Datasheet HTML 2Page - C&K Components APB Datasheet HTML 3Page - C&K Components APB Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A-115
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
A
B
A
27,95 REF
[1.100]
20,35
[.801]
1,5
[.059]
7,6
[.299]
17,4
[.685]
2X 7,5
[.295]
2X 4
[.157]
2X 1,81
[.071]
12,35
[.486]
5,7
[.224]
DOWN POSITION
0,85
[.033]
PANEL THICKNESS
DIM A ( 0.05 MM)
DIM B ( 0.05 MM)
1 MM
[0.039 IN]
13.70 MM
[0.539 IN]
13.00 MM
[0.512 IN]
2 MM
[0.079 IN]
13.80 MM
[0.539 IN]
13.00 MM
[0.512 IN]
3 MM
[0.118 IN]
13.90 MM
[0.547 IN]
13.10 MM
[0.516 IN]
THREADED BODY
MIN PANEL THICKNESS 1 MM
13.70 MM
[0.539 IN]
13.00 MM
[0.512 IN]
12
SPST-NO-DB
ELECTRICAL SCHEMATIC
34
SEE SCHEMATIC
A 0.1 MM MIN CHAMFER ON THE LEADING EDGE OF MOUNTING HOLE IS
RECOMMENDED FOR SNAP-IN VERSION.
M13 X 1.25-6g
THREADED
PANEL CUTOUT
SNAP-IN
1
2
4
3
APB Series
Backlit Pushbutton Switch
Third Angle
Projection
28 Jul 21



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com