Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KLS Datasheet(PDF) 1 Page - C&K Components

Part # KLS
Description  Illuminated SPDT/DPDT Pushbutton
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KLS Datasheet(HTML) 1 Page - C&K Components

  KLS Datasheet HTML 1Page - C&K Components KLS Datasheet HTML 2Page - C&K Components KLS Datasheet HTML 3Page - C&K Components KLS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D–172
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
Cap Color*
0
Transparent
2
Black
9
Silver
KLS
Illuminated SPDT/DPDT Pushbutton
Build-A-Switch
To order, simply select desired option from each category and place it in the appropriate box.
Specifications
FUNCTION: SPDT, DPDT
CONTACT ARRANGEMENT: N.C.
MOUNTING TYPE: Straight PCB terminals
Mechanical
OPERATING LIFE: 1,000,000 cycles
TOTAL TRAVEL: 2.2 mm
OPERATING FORCE: 200 ± 100 gf (SPDT)
300 ± 150 gf (DPDT)
Electrical
CONTACT RATING; See table on contact material
OPERATING LIFE: 200,000 cycles on both gold & silver plating
DIELECTRIC STRENGTH: 1,000 V AC for 1 min.
INSULATION RESISTANCE: 100 MΩ min. @ 500 VDC
INITIAL CONTACT RESISTANCE: 50 mΩ max. (silver contact)
100 mΩ max/ (gold contact)
Cap Style
F
Square flat
C
Square concave
L
Square large concave
LED Illumination
(Pos. I)
0
Without
3
Red
5
Yellow
6
Green
7
Blue
R
RGB
Series
KLS12 SPDT
KLS22 DPDT
L S
Mechanical Function
A
Momentary
E
Lock
Features/Benefits
• Positive tactile feedback
• Momentary or Lock version
• SPDT & DPDT configuration
• Gold or silver contact materials
• Choices of color on LED illumination
• 3 different CAP styles & sizes
• CAP with printed or etched logo*
Typical Applications
• Audio/video system
• Vending machine
• Kiosks
• Network equipment
Materials
CASE: PA66+70G33L (Black)
ACTUATOR: POM (White)
CAP: PC
SPRING: Black wire / Stainless steel
SPRING PLATE: Phosphor bronze
TERMINALS / CONTACT: Brass / Copper with silver or gold plated
TERMINAL SEAL: Epoxy
Operating Environment
OPERATING TEMPERATURE: -40°C to +85°C
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
K
LED Illumination
(Pos. II)
0
Without
3
Red
5
Yellow
6
Green
7
Blue
R
RGB
Contact Material
Q
Gold/Silver
G
Gold
* For CAP with logo or symbol, please contact your sales representative.
NEW
8 Jul 20
A


Similar Part No. - KLS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KLS MSYSTEM-KLS Datasheet
110Kb / 4P
Plug-in Signal Conditioners K-UNIT
KLS-1-1-B MSYSTEM-KLS-1-1-B Datasheet
110Kb / 4P
Plug-in Signal Conditioners K-UNIT
KLS-1-1-B/Q MSYSTEM-KLS-1-1-B/Q Datasheet
110Kb / 4P
Plug-in Signal Conditioners K-UNIT
KLS-1-1-C MSYSTEM-KLS-1-1-C Datasheet
110Kb / 4P
Plug-in Signal Conditioners K-UNIT
KLS-1-1-C/Q MSYSTEM-KLS-1-1-C/Q Datasheet
110Kb / 4P
Plug-in Signal Conditioners K-UNIT
More results

Similar Description - KLS

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
ILLUMINATED PUSHBUTTON
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST03 SCHNEIDER-XB4BWCUST03 Datasheet
163Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AKCUST02 SCHNEIDER-XB5AKCUST02 Datasheet
118Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
Illuminated Pushbutton
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com