Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC Datasheet(PDF) 14 Page - C&K Components

Part # KSC
Description  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC Datasheet(HTML) 14 Page - C&K Components

Back Button KSC_V02 Datasheet HTML 10Page - C&K Components KSC_V02 Datasheet HTML 11Page - C&K Components KSC_V02 Datasheet HTML 12Page - C&K Components KSC_V02 Datasheet HTML 13Page - C&K Components KSC_V02 Datasheet HTML 14Page - C&K Components KSC_V02 Datasheet HTML 15Page - C&K Components KSC_V02 Datasheet HTML 16Page - C&K Components KSC_V02 Datasheet HTML 17Page - C&K Components KSC_V02 Datasheet HTML 18Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
B
B–88
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
KSC4 TE Series
Tireless Endurance Tact Switch
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
Features/Benefits
• New combination of dome/support
• Silicone actuator
• J terminations
• Tape & reel
• IP67
Life time under electrical load (24 V, 1.3 mA)
Packaging
In reels of 1,400 pieces
Dimensions of reels according to EIA RS481 or IEC 2863
External diameter 380 ± 2 mm
Typical Applications
• Elevator
• Game controllers/ Drones
• Industrial applications
• Medical applications
LFS Lead free compatible, silver plated
Force
0 1.60 N
3 2.80 N
4 4.00 N
K
S
C
T
Contact Material
1 Silver
L
F
S
Type
Force
(N)
Life
Travel
(mm)
Electrical Height ON (mm)
(from PCB)
KSC4 TE 01J LFS
1.60 ±0.6
10,000,000
0.25 ±0.2
4.9 ±0.2
KSC4 TE 31J LFS
2.80 ±0.7
5,000,000
0.35 ±0.2
4.8 ±0.2
KSC4 TE 41J LFS
4.00 ±1.0
5,000,000
0.60 ±0.2
4.6 ±0.2
6,3+0,3
0
0,1
2,7 0,1
6,8+0,3
-0,1
3,3 mini
*
Termination
J J bend
1
J
NEW
E
4
21 Apr 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com