Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC1 Datasheet(PDF) 2 Page - C&K Components

Part # KSC1
Description  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC1 Datasheet(HTML) 2 Page - C&K Components

  KSC1 Datasheet HTML 1Page - C&K Components KSC1 Datasheet HTML 2Page - C&K Components KSC1 Datasheet HTML 3Page - C&K Components KSC1 Datasheet HTML 4Page - C&K Components KSC1 Datasheet HTML 5Page - C&K Components KSC1 Datasheet HTML 6Page - C&K Components KSC1 Datasheet HTML 7Page - C&K Components KSC1 Datasheet HTML 8Page - C&K Components KSC1 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
B–75
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B
KSC Series
Sealed Tact Switch for SMT
J J BEND
G GULLWING
10
( 7,6 )
12 mini
5,8 maxi
PAD LAYOUT
6,8
3,3 mini
8,6 mini
3 maxi
PAD LAYOUT
330
m
m
2
1
330/380
m
m
6
1
12 MM
16 MM
26 May 22
12 mm
Pieces
16 mm
Pieces
Reel Diameter
KSC1J
2,000
KSC1G
2,000
330 mm
KSC2J
2,000
KSC2G
2,000
330 mm
KSC3J
2,000
KSC3G
2,000
330 mm
KSC4J & G
1,000
330 mm
KSC5J & G
1,000
330 mm
KSC6J & G
950
380 mm
KSC7J & G
1,000
330 mm
KSC8J & G
1,000
330 mm
KSC9J & G
950
380 mm
KSC10J & G
1,000
330 mm
KSC11J
1,000
380 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com