Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5111F5 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5111F5
Description  Panel Mounted LED Indicator Light
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5111F5 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5111F5 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5111F Series Panel Mounted LED Indicator Light
4-4
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S
Features
•Super Brite T-1 LED
•20mcd-diffused lens allows wide angle viewing.
•Low current-only 2 mA.
•Built-in chip resistor operates directly
off 5 volt supply, no external resistor needed.
Mounting: Will snap-fit into Ø.155/.158 hole
in panels .031/.062 thick*
Terminals: .020 sq.
Housing: Black Nylon
*We recommend using an installation tool to press
against flange of housing rather than LED.
All dimensions
in inches.
Part
Number
Color
Typ.
Intensity
(mcd)
Rated
Current
(mA)
Continuous
Forward
Current Max.
(mA)
Forward
VoltageTyp.
(V)
Forward
Voltage Max.
(V)
Peak Forward
Current @ 1ms-
300pps (A)
Reverse
Break-down
Voltage Min.
(V)
Peak
Wavelength
(nm)
5111F1
5111F3
5111F5
5111F7
5111F1LC
5111F5LC
5111F7LC
5111F1-5V
5111F3-5V
5111F5-5V
Red
Amber
Green
Yellow
Red
Green
Yellow
Red
Amber
Green
10
7
16
6.3
2.5
2.1
1.8
8.0
8.0
8.0
10
10
10
10
2
2
2
10
10
10
30
30
30
30
7
7
7
15
15
15
2.0
2.2
2.2
2.1
1.8
1.8
1.9
5
5
5
3.0
3.0
3.0
3.0
2.2
2.2
2.7
7.5
7.5
7.5
1.0
.09
.09
1.0
.007
.007
.007
-
-
-
5
5
4
5
5
5
5
5
5
5
650
603
562
585
635
565
583
635
583
565
.190 MAX.
.030
1.124
.320
.200 MIN.
.020 S Q.TYP .
.100
LE ADS
WR APPABLE
WIR E
ANODE (+)
AS S HOWN
TO P LUS S IG N
FLAT OR IE NTE D


Similar Part No. - 5111F5

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5111F5 VCC-5111F5 Datasheet
100Kb / 1P
Panel Mounted LED Indicator Light
5111F5-5V VCC-5111F5-5V Datasheet
100Kb / 1P
Panel Mounted LED Indicator Light
5111F5LC VCC-5111F5LC Datasheet
100Kb / 1P
Panel Mounted LED Indicator Light
More results

Similar Description - 5111F5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5101H1 CML-5101H1 Datasheet
21Kb / 1P
Panel Mounted LED Indicator Light
5210F CML-5210F Datasheet
20Kb / 1P
Panel Mounted LED Indicator Light
5894S CML-5894S Datasheet
66Kb / 1P
Panel Mounted LED Indicator Light
5994S CML-5994S Datasheet
65Kb / 1P
Panel Mounted LED Indicator Light
logo
Visual Communications C...
5101H VCC-5101H Datasheet
94Kb / 1P
Panel Mounted LED Indicator Light
5110F VCC-5110F Datasheet
96Kb / 1P
Panel Mounted LED Indicator Light
5111F VCC-5111F Datasheet
100Kb / 1P
Panel Mounted LED Indicator Light
5200F VCC-5200F Datasheet
102Kb / 1P
Panel Mounted LED Indicator Light
5894S VCC-5894S Datasheet
87Kb / 1P
Panel Mounted LED Indicator Light
5994S VCC-5994S Datasheet
87Kb / 1P
Panel Mounted LED Indicator Light
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com