Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL94 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # TL94
Description  CHASSIS MOUNT TRANSFORMER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL94 Datasheet(HTML) 2 Page - DB Lectro Inc

  TL94 Datasheet HTML 1Page - DB Lectro Inc TL94 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHASSIS MOUNT
TRANSFORMER
Secondary RMS Rating
Product
Series
Part Number
Input Voltage
(V)
Series
Parallel
25VA
TL94-025-010
TL94-025-012
TL94-025-016
TL94-025-020
TL94-025-024
TL94-025-028
TL94-025-036
TL94-025-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
230V C.T.
@2.5A
@2.0A
@1.6A
@1.25A
@1.0A
@0.9A
@0.7A
@0.11A
5V
6.3V
8V
10V
12V
14V
18V
115V
@5.0A
@4.0A
@3.2A
@2.5A
@2.0A
@1.86A
@1.4A
@0.22A
43VA
TL94-043-010
TL94-043-012
TL94-043-016
TL94-043-020
TL94-043-024
TL94-043-028
TL94-043-036
TL94-043-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
230V C.T.
@4.3A
@3.4A
@2.7A
@2.2A
@1.8A
@1.5A
@1.2A
@0.19A
5V
6.3V
8V
10V
12V
14V
18V
115V
@8.6A
@6.8A
@5.4A
@4.4A
@3.6A
@3.0A
@2.4A
@0.38A
80VA
TL94-080-010
TL94-080-012
TL94-080-016
TL94-080-020
TL94-080-024
TL94-080-028
TL94-080-036
TL94-080-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
230V C.T.
@8.0A
@6.3A
@5.0A
@4.0A
@3.3A
@2.8A
@2.2A
@0.35A
5V
6.3V
8V
10V
12V
14V
18V
115V
@16.0A
@12.6A
@10.0A
@8.0A
@6.6A
@5.6A
@4.4A
@0.7A
130VA
TL94-130-010
TL94-130-012
TL94-130-016
TL94-130-020
TL94-130-024
TL94-130-028
TL94-130-036
TL94-130-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
230V C.T.
@13.0A
@10.3A
@8.1A
@6.5A
@5.4A
@4.6A
@3.6A
@0.57A
5V
6.3V
8V
10V
12V
14V
18V
115V
@26.0A
@20.6A
@16.2A
@13.0A
@10.8A
@9.2A
@7.2A
@1.14A
175VA
TL94-175-010
TL94-175-012
TL94-175-016
TL94-175-020
TL94-175-024
TL94-175-028
TL94-175-036
TL94-175-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
230V C.T.
@17.5A
@14.0A
@11.0A
@8.8A
@7.3A
@6.25A
@4.8A
@0.76A
5V
6.3V
8V
10V
12V
14V
18V
115V
@35.0A
@28.0A
@22.0A
@17.6A
@14.6A
@12.5A
@9.6A
@1.52A
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com
DB LECTRO Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com