Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F455 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F455
Description  Buffers/drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F455 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F455 Datasheet HTML 1Page - NXP Semiconductors 74F455 Datasheet HTML 2Page - NXP Semiconductors 74F455 Datasheet HTML 3Page - NXP Semiconductors 74F455 Datasheet HTML 4Page - NXP Semiconductors 74F455 Datasheet HTML 5Page - NXP Semiconductors 74F455 Datasheet HTML 6Page - NXP Semiconductors 74F455 Datasheet HTML 7Page - NXP Semiconductors 74F455 Datasheet HTML 8Page - NXP Semiconductors 74F455 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74F455,* 74F456
Buffers/Drivers
74F455 Octal Buffer/Driver with Parity, Inverting (3-State)
74F456 Octal Buffer/Driver with Parity, Non-Inverting (3-State)
2
1999 Jan 08
853–0371 20616
* Discontinued part. Please see the Discontinued Products List.
FEATURES
• High impedance NPN base inputs for reduced loading
(40
µA in High and Low states)
• 74F456 combines 74F244 and 74F280A functions in one package
• 74F456 is a center pin version of the 74F656A
• 74F456 Non-Inverting
• 3-State outputs sink 64mA and source 15mA
• 24-pin plastic Slim DIP (300 mil) package
• Broadside pinout simplifies PC board layout
DESCRIPTION
The 74F455 and 74F456 are octal buffers and line drivers with parity
generation/checking designed to be employed as memory address
drivers, clock drivers and bus-oriented transmitters/receivers. These
parts include parity generator/checker to improve PC board density.
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL SUPPLY CURRENT
(TOTAL)
74F455
6.5ns
64mA
74F456
7.5ns
64mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL
RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
24-pin plastic Slim
DIP (300mil)
N74456N
SOT222-1
24-pin plastic SOL
N74456D
SOT137-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0–D7
Data inputs
2.0/0.066
40
µA/40µA
PI
Parity input
1.0/0.033
20
µA/20µA
OE0, OE1
Output Enable inputs (active Low)
1.0/0.033
20
µA/20µA
ΣE, ΣO
Parity outputs
750/106.7
15mA/64mA
Q0–Q7
Data outputs (75F455)
750/106.7
15mA/64mA
Q0–Q7
Data outputs (75F456)
750/106.7
15mA/64mA
NOTE: One (1.0) FAST Unit Load (U.L.) is defined as 20
µA in the High state and 0.6mA in the Low state.
PIN CONFIGURATION – 74F455
24
23
22
21
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
OE0
OE1
PI
D0
D1
D2
D3
D4
D5
D6
D7
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
ΣE
ΣO
GND
GND
VCC
SF00969
PIN CONFIGURATION – 74F456
24
23
22
21
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
OE0
OE1
PI
D0
D1
D2
D3
D4
D5
D6
D7
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
ΣE
ΣO
GND
GND
VCC
SF00958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com