Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1354101 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1354101
Description  Clamping sleeve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1354101 Datasheet(HTML) 1 Page - Festo Corporation.

  1354101 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clamping sleeve
EAMH-86-11-C27.3-P
Part number: 1354101
Data sheet
Feature
Value
Size
86
Mounting position
Any
Max. rotational speed
5000 1/min
LABS (PWIS) conformity
VDMA24364-B2-L
Storage temperature
-25 °C ... 60 °C
Relative air humidity
0 - 95 %
Ambient temperature
-10 °C ... 60 °C
Mass moment of inertia
10.1 kgmm²
Product weight
119 g
Note on materials
RoHS-compliant
3/2/23 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 1354101

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1354100 FESTO-1354100 Datasheet
68Kb / 1P
Clamping sleeve
logo
Pentair plc. All rights...
135410021 PENTAIR-135410021 Datasheet
1Mb / 24P
Submersible Sewage Ejector Pump
logo
Festo Corporation.
1354102 FESTO-1354102 Datasheet
68Kb / 1P
Clamping sleeve
More results

Similar Description - 1354101

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1354098 FESTO-1354098 Datasheet
68Kb / 1P
Clamping sleeve
2428478 FESTO-2428478 Datasheet
74Kb / 1P
Clamping sleeve
2428480 FESTO-2428480 Datasheet
75Kb / 1P
Clamping sleeve
2428515 FESTO-2428515 Datasheet
73Kb / 1P
Clamping sleeve
2428517 FESTO-2428517 Datasheet
74Kb / 1P
Clamping sleeve
2429532 FESTO-2429532 Datasheet
74Kb / 1P
Clamping sleeve
2429533 FESTO-2429533 Datasheet
74Kb / 1P
Clamping sleeve
2430402 FESTO-2430402 Datasheet
68Kb / 1P
Clamping sleeve
2789160 FESTO-2789160 Datasheet
68Kb / 1P
Clamping sleeve
2789343 FESTO-2789343 Datasheet
68Kb / 1P
Clamping sleeve
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com