Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5331H Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5331H
Description  T-1 3/4 Vertical LED Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5331H Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5331H Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5331H Series T-1 3/4 Vertical LED Assembly
1-127
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S A N D RAT I N G S
585
563
650
3.0
3.0
3.0
2.2
2.2
2.1
5
5
5
60
60
60
Yellow
Green
Red
(V )
Max.
(V )
Typ.
Continuous
Forward
Current Max.
(mA)
Revers e
Breakdown
Voltage Min.
(V )
(nm)
Wavelength
Peak
Forward V oltage
Emitted
Color
Part Number
5331H1
5331H5
5331H7
Typical
Intens ity
(mcd)
68
100
160
20
20
20
Rated
Current
(mA)
.1
.09
.1
Peak F orward
Current at
1MS -300 P P S
(A)
Features
•Block mounting design assures height
and side-by-side spacing-alignment
saves assembly costs.
•Ultra Brite T-1 3/4 LED lamp, non-diffused
narrow beam high intensity light.
•Press-in mounting pin secures assembly
to PC board for soldering.
•Standoffs prevent flux entrapment.
Housing: Black Nylon, UL94V-O
Note: Alternate LEDs are also available
in this package as a standard variation.
Mounting hole pattern on page 1-X6.
All dimensions in inches.
OV E R LAY
.750
.260
DIM "A"
.100
.150 MIN.
TOP P ANE L
.130 MAX .
FOR P OS T C LE ANING
.020 S T AND-OF F
PC B OAR D
.220 MIN.
Ø.290
ANODE (+)
ANODE (+)


Similar Part No. - 5331H

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5331H VCC-5331H Datasheet
97Kb / 1P
Series Vertical LED Assembly
5331H1 VCC-5331H1 Datasheet
97Kb / 1P
Series Vertical LED Assembly
5331H1 VCC-5331H1 Datasheet
100Kb / 1P
T-1 3/4 Right Angle LED Assembly
5331H5 VCC-5331H5 Datasheet
97Kb / 1P
Series Vertical LED Assembly
5331H5 VCC-5331H5 Datasheet
100Kb / 1P
T-1 3/4 Right Angle LED Assembly
More results

Similar Description - 5331H

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5300E1 CML-5300E1 Datasheet
21Kb / 1P
T-1 3/4 Right Angle LED Assembly
5307H1 CML-5307H1 Datasheet
21Kb / 1P
T-1 3/4 Right Angle LED Assembly
5332H1 CML-5332H1 Datasheet
25Kb / 1P
T-1 3/4 Vertical LED Assembly
5340H1 CML-5340H1 Datasheet
46Kb / 1P
T-1 3/4 Vertical LED Assembly
5381H1 CML-5381H1 Datasheet
25Kb / 1P
T-1 3/4 Vertical LED Assembly
logo
IDEA.lnc.
G63XB IDEA-G63XB Datasheet
35Kb / 1P
T-1-3/4, Right-Angle LED Assembly
G64XB IDEA-G64XB Datasheet
27Kb / 1P
T-1-3/4, Right-Angle LED Assembly
logo
Visual Communications C...
5332 VCC-5332 Datasheet
111Kb / 1P
T-1 3/4 Vertical LED Assembly
5340 VCC-5340 Datasheet
113Kb / 1P
T-1 3/4 Vertical LED Assembly
5381 VCC-5381 Datasheet
105Kb / 1P
T-1 3/4 Vertical LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com