Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5693F5 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5693F5
Description  PC Board, 3-Up T-1 LEDs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5693F5 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5693F5 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5693F-A Series PC Board, 3-Up T-1 LEDs
1-166
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S A N D RAT I N G S
585
562
603
650
3.0
3.0
3.0
3.0
2.1
2.2
2.2
2.0
5.0
5.0
5.0
5.0
30
30
30
30
6.3
16.0
7.0
10.0
Yellow
Green
Amber
Red
(V )
Max.
(V )
Typ.
Continuous
Forward
Current Max.
(mA)
Typ.
Intens ity
(mcd)
Revers e
Breakdown
Voltage Min.(V )
(nm)
Wavelength
Peak
Forward V oltage
Emitted
Color
Part Number
5693F 1
5693F 3
5693F 5
5693F 7
10
10
10
10
Rated
Current
(mA)
7
Yellow
5
Green
1
Red
LE D
3
Amber
Model No. is as follows : 5693F
;
;
Example: P os ition 1 is red, pos ition 2 is yellow, pos ition 3 is green. T he part number is 5693F 1;7;5.
Ordering Information: Us e chart below to determine model number.
Pos . 1
P os . 2
Features :
•3 T -1 LE Ds s tack mounted in s ingle block s aves
space and assembly time.
•High B rite and S uper Brite light output.
•S tandoffs preventflux entrapment.
•B lack plas tic mounting block forhighcontras t ratio.
•MeetsUL 94V -O andB ellcore flammability
specifications .
Available options :
•Low current, 5V and 12V built-in resistors.
•B i-color and blue LE Ds als o offered.
•C all factory for ordering information.
•Mounting hole pattern on page 1-X 3.
Pos . 3
.190
.100
.300
.500
.140±.025
.145±.015
.110
.075 TY P .
TY P .
.10
.020 S Q. TY P .
POS . 1
POS . 2
POS . 3
SEE TAB LE
LE D
POLY E S TE RUL 94-VO
MAT'L: B LAC K THE R MOP LAS TIC
HOUS ING :
ANODE (+)
.348
.600
All dimensions in inches.


Similar Part No. - 5693F5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5693F5 CML-5693F5 Datasheet
63Kb / 1P
PC Board, 3-Up T-1 LEDs
logo
Visual Communications C...
5693F5 VCC-5693F5 Datasheet
93Kb / 1P
PC Board, 3-Up T-1 LEDs
More results

Similar Description - 5693F5

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E186 GILWAY-E186 Datasheet
45Kb / 1P
T-3 1/4 Jumbo LEDs (10mm)
E21 GILWAY-E21 Datasheet
129Kb / 3P
T-1 and T-1 3/4, Infrared LEDs
E480 GILWAY-E480 Datasheet
506Kb / 2P
T-1 and T-1 3/4 Ultra Bright Blue LEDs
logo
Chicago Miniature Lamp,...
4303MC CML-4303MC Datasheet
27Kb / 1P
Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
5684F1 CML-5684F1 Datasheet
29Kb / 1P
PC Board Quad Array T-1 LEDs
5693F-A CML-5693F-A Datasheet
63Kb / 1P
PC Board, 3-Up T-1 LEDs
CMD333UWC CML-CMD333UWC Datasheet
58Kb / 1P
T-1 3/4 White LEDs
logo
Visual Communications C...
5684F VCC-5684F Datasheet
98Kb / 1P
PC Board Quad Array T-1 LEDs
5693F-A VCC-5693F-A Datasheet
93Kb / 1P
PC Board, 3-Up T-1 LEDs
4303MC VCC-4303MC Datasheet
100Kb / 1P
Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com