Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F521 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F521
Description  8-bit identity comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F521 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F521 Datasheet HTML 1Page - NXP Semiconductors 74F521 Datasheet HTML 2Page - NXP Semiconductors 74F521 Datasheet HTML 3Page - NXP Semiconductors 74F521 Datasheet HTML 4Page - NXP Semiconductors 74F521 Datasheet HTML 5Page - NXP Semiconductors 74F521 Datasheet HTML 6Page - NXP Semiconductors 74F521 Datasheet HTML 7Page - NXP Semiconductors 74F521 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74F521
8-bit identity comparator
2
May 15, 1990
853–0372 99601
FEATURES
Compares two 8-bit words in 6.5ns typical
Expandable to any word length
DESCRIPTION
The 74F521 is an expandable 8-bit comparator. It compares two
words of up to 8 bits each and provides a Low output when the two
words match bit for bit. The expansion input IA=B also serves as an
active-Low enable input.
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F521
7.0ns
24mA
PIN CONFIGURATION
SF00273
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
IA=B
A0
B0
A1
B1
A2
B2
A3
B3
GND
VCC
QA=B
B7
A7
B6
A6
B5
B4
A5
A4
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
PKG DWG #
20-pin plastic DIP
N74F521N
SOT146-1
20-pin plastic SOL
N74F521D
SOT163-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
A0 – A7
Word A inputs
1.0/1.0
20
µA/0.6mA
B0 – B7
Word B inputs
1.0/1.0
20
µA/0.6mA
IA=B
Expansion or Enable input (active Low)
1.0/1.0
20
µA/0.6mA
QA=B
Identity output (active Low)
50/33
1.0mA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
QA=B
19
VCC = Pin 20
GND = Pin 10
SF00274
2
3
4
5
6
7
8
9
11
12
13
14
15
A0
B0
A1
B1
A2
B2
A3
B3
A4
B4
A5
B5
A6
16
17
18
B6
A7
B7
IA=B
1
IEC/IEEE SYMBOL
SF00275
COMP
19
2
4
6
8
11
13
15
17
0
3
A=B
A
3
5
7
9
12
14
15
18
0
7
B
1
EN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com