Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB260 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # USB260
Description  Surface Mount Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

USB260 Datasheet(HTML) 2 Page - Vishay Siliconix

  USB260 Datasheet HTML 1Page - Vishay Siliconix USB260 Datasheet HTML 2Page - Vishay Siliconix USB260 Datasheet HTML 3Page - Vishay Siliconix USB260 Datasheet HTML 4Page - Vishay Siliconix USB260 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 84705
14-Dec-05
USB260
Vishay General Semiconductor
Electrical Characteristics
(TA = 25 °C unless otherwise specified)
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Thermal Characteristics
(TA = 25 °C unless otherwise specified)
Notes:
(1) Units mounted on P.C.B. with 2.0 x 2.0" copper pad areas
Ordering Information
Ratings and Characteristics Curves
(TA = 25 °C unless otherwise noted)
Parameters
Test condition
Symbol
Typ.
Max.
Unit
Breakdown voltage
at IR = 10 µA
TJ = 25 °C
V(BR)
600 (minimum)
V
Instantaneous forward voltage (1)
at IF = 1 A
TJ = 25 °C
VF
1.25
-
V
at IF = 2.0 A
TJ = 25 °C
TJ = 125 °C
1.5
1.0
1.6
1.1
Maximum reverse current (1)
at VR = 600 V
TJ = 25 °C
TJ = 125 °C
IR
-
30
5.0
100
µA
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
30
ns
Typical junction capacitance
at 4.0 V, 1 MHz
CJ
45
pF
Parameters
Symbol
USB260
Unit
Typical thermal resistance (1)
RθJA
RθJL
45
10
°C/W
Preferred P/N
Unit Weight (g)
Preferred Package Code
Base Quantity
Delivery Mode
USB260-E3/52T
0.093
52T
750
7" Diameter Plastic Tape & Reel
USB260-E3/5BT
0.093
5BT
3200
13" Diameter Plastic Tape & Reel
Figure 1. Maximum Forward Current Derating Curve
0
80
90
100
110
120
130
140
150
3.0
2.0
1.0
P.C.B. Mounted on 2.0 x 2.0"
copper pad areas
Lead Temperature (°C)
Figure 2. Forward Power Loss Characteristics
T
D - tp/T
tp
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
3.0
2.5
2.0
1.5
1.0
0.5
0
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com