Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM101S Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CM101S
Description  T-1 3/4 StatusPak Circuit Board Indicators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CM101S Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CM101S Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
T-1 3/4 StatusPak™ Circuit Board Indicators
1-137
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S A N D RAT I N G S
How to order a Multi Position Assembly
1. Determine the color combination you require:
S=Red
G=H.E.Green
Y=Yellow
X=Space
2. Determine the number of positions you require
including any open spaces.
(CML does not recommend assemblies of greater than ten positions.)
Example:
CMI - 0 5 -RXGG Y
Lens Type
# of Positions
LED Sequence
MAX .
.245
.255
MAX .
Ø.185
PR OT R USION
LE NS
.215
.100
TY P .
.020 S Q.
.120
MAX .
.276
.190±.015
RE F E RE NC E
CAT HODE
TY P .
.250
TY P .
.100
MAX .
.330
SQ.T Y P .
.020
TY P .
RE F E RE NC E
CAT HODE
All dimensions in inches.
Printed Circuit Board assembly has been made faster and easier than ever before with StatusPak™ Circuit
Board Indicators. These unique right angle LED indicators allow you to mount from one to ten positions in
one easy step. T-1 3/4 StatusPaks™ can be customized to exact specifications requirements. You choose
the number of LEDs, the color sequence and position of the LED. StatusPak™ is shipped to you in a one
piece complete unit ready for PC mounting. StatusPak™ may be customized for your exact LED
requirements if desired.
Mounting hole pattern on page 1-X3.
625
590
565
660
2.5
2.5
2.5
2.1
2.0
2.1
2.2
1.7
120
120
120
120
8.0
8.0
8.0
3.2
3.2
3.2
3.2
1.25
Orange
Yellow
H.E . Green
Red
(V )
Max.
(V )
Typ.
(mcd)
Typ.
(mcd)
Min.
(degrees )
Angle
Viewing
(nm)
Wavelength
Peak
Forward V oltage
Luminous Intens ity
Emitted
Color
Part Number
CM101S
CM101G
CM101Y
CM101O
Color
Lens
Red
Green
Yellow
Orange
Diffus ed
Diffus ed
Diffus ed
Diffus ed
Package
Type


Similar Part No. - CM101S

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM101S VCC-CM101S Datasheet
101Kb / 1P
Circuit Board Indicators
logo
C-Media Electronics
CM101S+ CMEDIA-CM101S+ Datasheet
682Kb / 22P
USB 2CH Audio Controller
More results

Similar Description - CM101S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L130WDT ETC-L130WDT Datasheet
124Kb / 4P
T-1 RIGHT ANGLE INDICATORS
logo
Chicago Miniature Lamp,...
6321F1 CML-6321F1 Datasheet
26Kb / 1P
T-1 Circuit Board Indicator
CMC01R CML-CMC01R Datasheet
43Kb / 2P
T-1 StatusPak Circuit Board Indicators
6321F CML-6321F Datasheet
236Kb / 1P
T-1 Circuit Board Indicator
logo
Kingbright Corporation
L-1503CB KINGBRIGHT-L-1503CB Datasheet
570Kb / 4P
T-1 3/4 (5mm) RIGHT ANGLE LED INDICATORS
logo
Visual Communications C...
6321F VCC-6321F Datasheet
105Kb / 1P
T-1 Circuit Board Indicator
CM01R VCC-CM01R Datasheet
149Kb / 2P
Rectangular StatusPak??Circuit Board Indicators
CM1015 VCC-CM1015 Datasheet
101Kb / 1P
Circuit Board Indicators
logo
Kingbright Corporation
WP154A4AVS KINGBRIGHT-WP154A4AVS Datasheet
480Kb / 5P
T-1 3/4 (5 mm) Single-Level Circuit Board Indicator
Rev No: V.1A Date: 09/20/2022
WP154A4AVSSUREQBFZGW KINGBRIGHT-WP154A4AVSSUREQBFZGW Datasheet
320Kb / 5P
T-1 3/4 (5 mm) Single-Level Circuit Board Indicator
Rev No: V.2A Date: 12/07/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com