Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSEB0520H-R16M Datasheet(PDF) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSEB0520H-R16M
Description  Molded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSEB0520H-R16M Datasheet(HTML) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

  CSEB0520H-R16M Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0520H-R16M Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0520H-R16M Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0520H-R16M Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0520H-R16M Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0520H-R16M Datasheet HTML 6Page - Shenzhen Codaca Electronic Co.,Ltd CSEB0520H-R16M Datasheet HTML 7Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 / 7
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
Molded Power Inductor
CSEB0520H Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice. Please check web site for latest information.
Revised: 07/14/2020
Outline
:
▪ Magnetic shielded structure:excellent resistance to electro
Magnetic interference (EMI)
▪ A composite structure,ultra low buzz noise
▪ Low loss,high efficiency,wide application frequency
▪ Lightweight design,save space,suitable for high density SMT
Features:
▪ Core material: Alloy powder
▪ Core and winding loss:
See https://www.codaca.com/DesignTool_Power-Inductor-Loss-
Comparison.html
▪ Enviromental: RoHS, Reach compliant ,Halogen free
▪ Weight:0.34g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at 5
~40℃, RH≤ 70% relative humidity).
▪ Operating temperature range: -40℃~+125℃
(including coil
’s self temperature rise)
▪ Storage temperature range: -40℃~+125℃
Application:
▪ PDA/notebook/desktop/server applications
▪ DC /DC converters for entertainment/navigations systems
▪ Noise suppresion for motors:windshield wipers/power seats/Power
Mirrors/heating and ventilation blower/ HID lighting
1 Electrical Characteristics
2 Product Dimensions (mm)
Part No.
Inductance
(
μH)※1
D.C.R. (m
Ω)
Isat
(A)
※2
Irms
(A)
※3
1.1±0.20
2.2±0.25
4.50±0.25
Marking
5.55±0.20
5.35±0.20
0.01Min.
2.0±0.2
1
2
(1.3)
(4.8)
(3.35)
(5.75)
(5.55)
±20%
Typical
Max.
Max.
Max.
CSEB0520H-R16M
0.16
2.90
3.80
24.5
18.0
CSEB0520H-R33M
0.33
3.20
4.30
17.0
16.7
CSEB0520H-R56M
0.56
6.20
8.10
12.2
12.6
CSEB0520H-R68M
0.68
8.80
10.0
11.7
10.8
CSEB0520H-1R0M
1.00
9.30
10.9
9.50
9.60
CSEB0520H-1R2M
1.20
13.5
16.0
8.70
9.00
All data is tested on 25
℃ ambient temperature
1.Inductance measure condition at 100kHz,0.1V
2.Isat:the actual value of DC current when the inductance decrease 30% of its initial value
3.Irms:the actual value of DC current when the temperature rise is
ΔT40℃(Ta=25℃)
3 How to Order:
CSEB0520H
–R16M
Model
Dimensions
Value Code
Typical Land Pattern


Similar Part No. - CSEB0520H-R16M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CSEB0530H CODACA-CSEB0530H Datasheet
996Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0530H-1R0M CODACA-CSEB0530H-1R0M Datasheet
996Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0530H-1R2M CODACA-CSEB0530H-1R2M Datasheet
996Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0530H-1R5M CODACA-CSEB0530H-1R5M Datasheet
996Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0530H-1R8M CODACA-CSEB0530H-1R8M Datasheet
996Kb / 10P
Molded Power Inductor
07/14/2020
More results

Similar Description - CSEB0520H-R16M

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA5447.XXXNLT PULSE-PA5447.XXXNLT Datasheet
1Mb / 4P
Molded Power Inductor
PA5448.XXXNLT PULSE-PA5448.XXXNLT Datasheet
1Mb / 4P
Molded Power Inductor
PA5449.XXXNLT PULSE-PA5449.XXXNLT Datasheet
1Mb / 4P
Molded Power Inductor
logo
Shenzhen Codaca Electro...
CSEB0550H CODACA-CSEB0550H Datasheet
827Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0630 CODACA-CSEB0630 Datasheet
1,008Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0730 CODACA-CSEB0730 Datasheet
1,000Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0730H CODACA-CSEB0730H Datasheet
828Kb / 7P
Molded Power Inductor
07/14/2020
CSEB0770 CODACA-CSEB0770 Datasheet
933Kb / 10P
Molded Power Inductor
07/14/2020
CSEB0850 CODACA-CSEB0850 Datasheet
929Kb / 7P
Molded Power Inductor
07/14/2020
CSEB1350 CODACA-CSEB1350 Datasheet
900Kb / 7P
Molded Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com