Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6350 Datasheet(PDF) 1 Page - API Delevan

Part # CM6350
Description  Surface Mount Common Mode Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

CM6350 Datasheet(HTML) 1 Page - API Delevan

  CM6350 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11/2002
PAGE
125
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series CM6350 Surface Mount
Common Mode Choke
0.20
0.30
0.42
0.55
0.85
1.20
1.80
1.60
2.10
2.80
4.20
6.00
9.00
13.00
33
47
68
100
150
220
330
470
680
1000
1500
2200
3300
4700
5.50
5.00
4.20
3.30
2.70
2.20
1.80
1.50
1.20
0.90
0.75
0.60
0.40
0.25
0.007
0.008
0.010
0.014
0.020
0.027
0.040
0.060
0.090
0.130
0.190
0.300
0.550
1.050
Mechanical Configuration A flat top surface mount
case with excellent coplanarity of terminals.
Physical Parameters
Inches
Millimeters
A
0.285 ± 0.010
7.24 ± 0.25
B
0.360 ± 0.010
9.14 ± 0.25
C
0.060 ± 0.010
1.52 ± 0.25
D
0.350 ± 0.010
8.90 ± 0.25
E
0.200 ± 0.010
5.08 ± 0.25
F
0.025 ± 0.010
0.64 ± 0.25
G
0.040 (Ref. only)
1.02 (Ref.only)
Electrical Configuration
1) Inductance and DCR in table is for either L1 or L2.
2) Leakage Inductance tested at L1 with L2 shorted
or at L2 with L1 shorted.
3) Windings balanced within 2%
4) Inductance tested @ 10 kHz
Operating Temperature Range –55°C to +125°C
Electrical Characteristics Measured at +25°C
Rated RMS Current Based upon 40°C temperature
rise from 25°C ambient
Maximum Power Dissipation at 25°C 0.400 Watts
Inductance Tolerance Units are supplied to the
tolerance indicated in the tables @ 10 KHz
Marking Parts are printed with Delevan, Inductance
Value, and white dot at terminal #1.
Packaging Tape & reel (24mm):
13" reel, 600 pieces max.; 7" reel not available
FERRITE CORE
CM6350-333
CM6350-473
CM6350-683
CM6350-104
CM6350-154
CM6350-224
CM6350-334
CM6350-474
CM6350-684
CM6350-105
CM6350-155
CM6350-225
CM6350-335
CM6350-475
LAND PATTERN DIMENSIONS


Similar Part No. - CM6350

ManufacturerPart #DatasheetDescription
logo
API Delevan
CM6350-104 API-CM6350-104 Datasheet
1Mb / 1P
Surface Mount Common Mode Choke
CM6350-105 API-CM6350-105 Datasheet
1Mb / 1P
Surface Mount Common Mode Choke
CM6350-154 API-CM6350-154 Datasheet
1Mb / 1P
Surface Mount Common Mode Choke
CM6350-155 API-CM6350-155 Datasheet
1Mb / 1P
Surface Mount Common Mode Choke
CM6350-224 API-CM6350-224 Datasheet
1Mb / 1P
Surface Mount Common Mode Choke
More results

Similar Description - CM6350

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
7526 FILTRAN-7526 Datasheet
136Kb / 1P
Choke Surface Mount Common Mode Choke
8041 FILTRAN-8041 Datasheet
191Kb / 1P
CHOKE Surface Mount Common Mode Choke
8042 FILTRAN-8042 Datasheet
130Kb / 1P
CHOKE Surface Mount Common Mode Choke
8044 FILTRAN-8044 Datasheet
133Kb / 1P
CHOKE Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM-0805 VISHAY-ICM-0805_06 Datasheet
78Kb / 2P
Surface Mount Common Mode Choke
01-Mar-06
ICM-1206 VISHAY-ICM-1206_06 Datasheet
78Kb / 2P
Surface Mount Common Mode Choke
01-Mar-06
ICM1206ER161M VISHAY-ICM1206ER161M Datasheet
159Kb / 3P
Surface Mount Common Mode Choke
01-Mar-06
logo
NIC-Components Corp.
NCCA NIC-NCCA Datasheet
5Mb / 4P
Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM-0805 VISHAY-ICM-0805_17 Datasheet
133Kb / 3P
Surface Mount Common Mode Choke
06-Nov-15
ICM0805 VISHAY-ICM0805 Datasheet
131Kb / 3P
Surface Mount Common Mode Choke
08-Nov-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com