Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6460 Datasheet(PDF) 1 Page - API Delevan

Part # CM6460
Description  Surface Mount Common Mode Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

CM6460 Datasheet(HTML) 1 Page - API Delevan

  CM6460 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2/ 2002
PAGE
126
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series CM6460 Surface Mount
Common Mode Choke
0.7
1.0
1.4
1.8
2.2
3.0
4.0
5.0
5.5
7.0
9.5
14.0
22.0
29.0
100
150
220
330
500
750
1000
1200
1800
2200
3300
5000
7500
10000
7.00
5.50
5.00
4.00
3.30
2.70
2.20
1.70
1.40
1.10
0.85
0.70
0.44
0.33
0.006
0.010
0.012
0.017
0.024
0.035
0.049
0.068
0.106
0.150
0.210
0.320
0.640
0.900
Mechanical Configuration A flat top surface mount
case with excellent coplanarity of terminals.
Physical Parameters
Inches
Millimeters
A
0.400 ± 0.010
10.16 ± 0.25
B
0.530 ± 0.010
13.46 ± 0.25
C
0.125 ± 0.010
3.17 ± 0.25
D
0.490 ± 0.010
12.44 ± 0.25
E
0.290 ± 0.010
7.37 ± 0.25
F
0.030 ± 0.010
0.76 ± 0.25
Electrical Configuration
1) Inductance and DCR in table is for either L1 or L2.
2) Leakage Inductance tested at L1 with L2 shorted
or at L2 with L1 shorted.
3) Windings balanced within 2%
4) Inductance tested @ 10 kHz
Operating Temperature Range –55°C to +105°C
Electrical Characteristics Measured at +25°C
Rated RMS Current Based upon 40°C temperature
rise from 25°C ambient
Maximum Power Dissipation at 25°C 0.605 Watts
Inductance Tolerance Units are supplied to the
tolerance indicated in the tables @ 10KHz
Marking Parts are printed with Delevan, Inductance
Value, and white dot at terminal #1.
Packaging Tape & reel (24mm):
13" reel, 350 pieces max.; 7" reel not available
FERRITE CORE
CM6460-104
CM6460-154
CM6460-224
CM6460-334
CM6460-504
CM6460-754
CM6460-105
CM6460-125
CM6460-185
CM6460-225
CM6460-335
CM6460-505
CM6460-755
CM6460-106
LAND PATTERN DIMENSIONS


Similar Part No. - CM6460

ManufacturerPart #DatasheetDescription
logo
API Delevan
CM6460-104 API-CM6460-104 Datasheet
1Mb / 1P
Surface Mount Common Mode Choke
CM6460-105 API-CM6460-105 Datasheet
1Mb / 1P
Surface Mount Common Mode Choke
CM6460-106 API-CM6460-106 Datasheet
1Mb / 1P
Surface Mount Common Mode Choke
CM6460-125 API-CM6460-125 Datasheet
1Mb / 1P
Surface Mount Common Mode Choke
CM6460-154 API-CM6460-154 Datasheet
1Mb / 1P
Surface Mount Common Mode Choke
More results

Similar Description - CM6460

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
7526 FILTRAN-7526 Datasheet
136Kb / 1P
Choke Surface Mount Common Mode Choke
8041 FILTRAN-8041 Datasheet
191Kb / 1P
CHOKE Surface Mount Common Mode Choke
8042 FILTRAN-8042 Datasheet
130Kb / 1P
CHOKE Surface Mount Common Mode Choke
8044 FILTRAN-8044 Datasheet
133Kb / 1P
CHOKE Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM-0805 VISHAY-ICM-0805_06 Datasheet
78Kb / 2P
Surface Mount Common Mode Choke
01-Mar-06
ICM-1206 VISHAY-ICM-1206_06 Datasheet
78Kb / 2P
Surface Mount Common Mode Choke
01-Mar-06
ICM1206ER161M VISHAY-ICM1206ER161M Datasheet
159Kb / 3P
Surface Mount Common Mode Choke
01-Mar-06
logo
NIC-Components Corp.
NCCA NIC-NCCA Datasheet
5Mb / 4P
Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM-0805 VISHAY-ICM-0805_17 Datasheet
133Kb / 3P
Surface Mount Common Mode Choke
06-Nov-15
ICM0805 VISHAY-ICM0805 Datasheet
131Kb / 3P
Surface Mount Common Mode Choke
08-Nov-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com