Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0101 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0101
Description  LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0101 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LSF0101 Datasheet HTML 9Page - Texas Instruments LSF0101 Datasheet HTML 10Page - Texas Instruments LSF0101 Datasheet HTML 11Page - Texas Instruments LSF0101 Datasheet HTML 12Page - Texas Instruments LSF0101 Datasheet HTML 13Page - Texas Instruments LSF0101 Datasheet HTML 14Page - Texas Instruments LSF0101 Datasheet HTML 15Page - Texas Instruments LSF0101 Datasheet HTML 16Page - Texas Instruments LSF0101 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
8 Detailed Description
8.1 Overview
The LSF family can be used in level-translation applications for interfacing devices or systems operating with
one another that operate at different interface voltages. The LSF family is ideal for use in applications where an
open-drain driver is connected to the data I/Os. With appropriate pull-up resistors and layout, LSF can achieve
100 MHz. The LSF family can also be used in applications where a push-pull driver is connected to the data
I/Os. For an overview of device setup and operation, see The Logic Minute training series on Understanding the
LSF Family of Bidirectional, Multi-Voltage Level Translators.
8.2 Functional Block Diagram
Vref_A
Vref_B
2
19
3
4
5
6
20
EN
18
17
16
15
1
GND
A1
A2
A3
A4
B1
B2
B3
B4
SW
7
8
9
10
14
13
12
11
A5
A6
A7
A8
B5
B6
B7
B8
SW
SW
SW
SW
SW
SW
SW
8.3 Feature Description
8.3.1 Auto Bidirectional Voltage Translation
All devices in the LSF family are auto bidirectional voltage level translators that are operational from 0.95 to 4.5
V on the Vref_A supply and from 1.8 to 5.5 V on the Vref_B supply. This allows bidirectional voltage translation
between 0.95 V and 5.5 V without the need for a direction pin in open-drain or push-pull applications. The LSF
family supports level translation applications with transmission speeds greater than 100 Mbps for open-drain
systems using a 30-pF capacitance and 250-Ω pullup resistor. Both the output driver of the controller and the
peripheral device output can be push-pull or open-drain (pull-up resistors may be required). In both up and down
translation, the B-side is often referred to as the high side and refers to devices connected to the B ports. The
A-side can be referred to as the low side.
www.ti.com
LSF0108
SDLS966L – DECEMBER 2013 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LSF0108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com