Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
below the VCC UVLO falling threshold of 3.1 V (typical) or EN is switched to a low state. Connect a ceramic
capacitor from VCC to PGND. The recommended range of the VCC capacitor is from 2.2 µF to 10 µF.
An internal 5-V linear regulator generates the VDDA bias supply. Bypass VDDA with a 100-nF or higher ceramic
capacitor to achieve a low-noise internal bias rail. Normally, VDDA is 5 V. However, there is one condition where
VDDA regulates at 3.3 V. This is in PFM mode with a light or no-load on the output.
Minimize the internal power dissipation of the VCC regulator by connecting VCCX to a 5-V output or to an
external 5-V supply. If the VCCX voltage is above 4.3 V, VCCX is internally connected to VCC and the internal
VCC regulator is disabled. Tie VCCX to PGND if it is unused. Never connect VCCX to a voltage greater than 6.5
V. If an external supply is connected to VCCX to power the LM5148, VIN must be greater than the external bias
voltage during all conditions to avoid damage to the controller.
8.3.3 Precision Enable (EN)
The EN pin can be connected to a voltage as high as 80 V. The LM5148 has a precision enable. When the EN
voltage is greater than 1 V, controller switching is enabled. If the EN pin is pulled below 0.5 V, the LM5148 is
in shutdown with an IQ of 2.3 μA (typical) current consumption from VIN. When the enable voltage is between
0.5 V and 1 V, the LM5148 is in standby mode with the VCC regulator active but the controller is not switching.
In standby mode, the non-switching input quiescent current is 124-μA typical. The LM5148 is enabled with a
voltage greater than 1.0 V. However, many applications benefit from using a resistor divider RUV1 and RUV2, as
shown in Figure 8-2, to establish a precision UVLO level. TI does not recommend leaving the EN pin floating.
Use Equation 2 and Equation 3 to calculate the UVLO resistors given the required input turn-on and turn-off
voltages.
IN(on)
IN(off)
UV1
HYS
V
V
R
I
(2)
˜
EN
UV2
UV1
IN(on)
EN
V
R
R
V
V
(3)
EN
1V
RUV2
RUV1
19
+
Enable
Comparator
10 µA
VDDA
VIN
Figure 8-2. Programmable Input Voltage UVLO Turn-On
8.3.4 Power-Good Monitor (PG)
The LM5148 includes an output voltage monitoring signal for VOUT to simplify sequencing and supervision.
The power-good signal is used for start-up sequencing of downstream converters, fault protection, and output
monitoring. The power-good output (PG) switches to a high impedance open-drain state when the output voltage
is in regulation. The PG switches low when the output voltage drops below the lower power-good threshold
(92% typical) or rises above the upper power-good threshold (110% typical). A 25-µs deglitch filter prevents false
tripping of the power-good signal during transients. TI recommends a pullup resistor of 100 kΩ (typical) from PG
to the relevant logic rail. PG is asserted low during soft start and when the buck regulator is disabled.
www.ti.com
LM5148
SNVSC01 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com