Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM7560 Datasheet(PDF) 1 Page - API Delevan

Part # CM7560
Description  PC Mount Common Mode Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

CM7560 Datasheet(HTML) 1 Page - API Delevan

  CM7560 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2/ 2002
PAGE
130
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
CM7560-563
CM7560-683
CM7560-823
CM7560-104
CM7560-124
CM7560-154
CM7560-184
CM7560-224
CM7560-274
CM7560-334
CM7560-474
CM7560-564
CM7560-684
CM7560-824
CM7560-105
CM7560-125
CM7560-155
CM7560-185
CM7560-225
CM7560-275
CM7560-335
CM7560-395
CM7560-475
CM7560-565
CM7560-685
CM7560-825
CM7560-106
CM7560-126
CM7560-156
CM7560-186
CM7560-226
CM7560-276
CM7560-336
CM7560-396
CM7560-476
CM7560-566
CM7560-686
CM7560-826
CM7560-107
CM7560-127
CM7560-157
Series CM7560
PC Mount Common Mode Choke
0.013
0.013
0.013
0.013
0.015
0.015
0.019
0.020
0.025
0.025
0.030
0.035
0.040
0.060
0.065
0.095
0.115
0.125
0.170
0.180
0.320
0.400
0.450
0.500
0.600
0.750
0.800
0.900
1.00
1.30
1.50
1.80
2.20
2.60
3.00
4.00
5.00
5.50
6.40
7.80
9.00
56
68
82
100
120
150
180
220
270
330
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
82000
100000
120000
150000
5.5
5.5
5.5
5.5
5.5
5.5
4.5
4.5
4.5
3.5
3.5
3.5
3.5
2.8
2.8
2.2
1.7
1.7
1.4
1.4
1.1
1.1
0.88
0.88
0.88
0.88
0.70
0.70
0.70
0.55
0.55
0.44
0.44
0.44
0.44
0.35
0.27
0.27
0.27
0.22
0.22
3.5
3.5
3.5
3.5
4.5
6.0
7.0
7.5
9.0
12
14
18
20
24
30
35
40
45
55
75
90
100
130
175
220
230
250
300
350
425
475
550
650
800
900
1100
1300
1800
2100
2600
3000
Physical Parameters
Inches
Millimeters
A
0.860 ± 0.025
21.8 ± 0.64
B
1.070 ± 0.050
27.2 ± 1.27
C
0.830 ± 0.030
21.1 ± 0.76
D
1.060 (Ref. Only)
26.9 (Ref. Only)
E
0.040 ± 0.025
1.0 ± 0.64
F
0.025 Sq. (Typ.)
0.64 Sq. (Typ.)
G
0.400 ± 0.010
10.2 ± 0.3
H
0.175 ± 0.015
4.4 ± 0.38
J
1.03 (Ref. Only)
26.2 (Ref. Only)
K
0.400 ± 0.010
10.2 ± 0.3
L
0.630 + 0.010
16.0 ± 0.3
Operating Temperature Range –55°C to +125°C
Current Rating at 85°C Ambient 40°C Rise
Mechanical Configuration Tape wrapped winding
sections; varnish impregnated assembly
Notes 1) Inductance in table is for either Ll or L2.
2) Leakage Inductance tested at Ll with L2 shorted or
at L2 with Ll shorted. 3) Windings balanced
within 1%.
Packaging Bulk only


Similar Part No. - CM7560

ManufacturerPart #DatasheetDescription
logo
API Delevan
CM7560-104 API-CM7560-104 Datasheet
1Mb / 1P
PC Mount Common Mode Choke
CM7560-105 API-CM7560-105 Datasheet
1Mb / 1P
PC Mount Common Mode Choke
CM7560-106 API-CM7560-106 Datasheet
1Mb / 1P
PC Mount Common Mode Choke
CM7560-107 API-CM7560-107 Datasheet
1Mb / 1P
PC Mount Common Mode Choke
CM7560-124 API-CM7560-124 Datasheet
1Mb / 1P
PC Mount Common Mode Choke
More results

Similar Description - CM7560

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
7526 FILTRAN-7526 Datasheet
136Kb / 1P
Choke Surface Mount Common Mode Choke
8041 FILTRAN-8041 Datasheet
191Kb / 1P
CHOKE Surface Mount Common Mode Choke
8042 FILTRAN-8042 Datasheet
130Kb / 1P
CHOKE Surface Mount Common Mode Choke
8044 FILTRAN-8044 Datasheet
133Kb / 1P
CHOKE Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM-0805 VISHAY-ICM-0805_06 Datasheet
78Kb / 2P
Surface Mount Common Mode Choke
01-Mar-06
logo
API Delevan
CM7560R API-CM7560R Datasheet
1Mb / 1P
PC Mount Common Mode Choke
logo
Vishay Siliconix
ICM1206ER161M VISHAY-ICM1206ER161M Datasheet
159Kb / 3P
Surface Mount Common Mode Choke
01-Mar-06
logo
NIC-Components Corp.
NCCA NIC-NCCA Datasheet
5Mb / 4P
Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM-0805 VISHAY-ICM-0805_17 Datasheet
133Kb / 3P
Surface Mount Common Mode Choke
06-Nov-15
ICM0805 VISHAY-ICM0805 Datasheet
131Kb / 3P
Surface Mount Common Mode Choke
08-Nov-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com