Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB4NK60Z-1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STB4NK60Z-1
Description  N-channel 600 V, 1.7 Ω typ., 4 A SuperMESH™ Power MOSFETs in I2PAK, D2PAK, IPAK and DPAK packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4NK60Z-1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STB4NK60Z-1 Datasheet HTML 9Page - STMicroelectronics STB4NK60Z-1 Datasheet HTML 10Page - STMicroelectronics STB4NK60Z-1 Datasheet HTML 11Page - STMicroelectronics STB4NK60Z-1 Datasheet HTML 12Page - STMicroelectronics STB4NK60Z-1 Datasheet HTML 13Page - STMicroelectronics STB4NK60Z-1 Datasheet HTML 14Page - STMicroelectronics STB4NK60Z-1 Datasheet HTML 15Page - STMicroelectronics STB4NK60Z-1 Datasheet HTML 16Page - STMicroelectronics STB4NK60Z-1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
4.3
D²PAK (TO-263) type B package information
Figure 21. D²PAK (TO-263) type B package outline
0079457_24_B
STB4NK60Z-1, STB4NK60ZT4, STD4NK60Z-1, STD4NK60ZT4
D²PAK (TO-263) type B package information
DS2818 - Rev 9
page 13/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com