Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB4NK60ZT4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB4NK60ZT4
Description  N-channel 600 V, 1.7 Ω typ., 4 A SuperMESH™ Power MOSFETs in I2PAK, D2PAK, IPAK and DPAK packages
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4NK60ZT4 Datasheet(HTML) 2 Page - STMicroelectronics

  STB4NK60ZT4 Datasheet HTML 1Page - STMicroelectronics STB4NK60ZT4 Datasheet HTML 2Page - STMicroelectronics STB4NK60ZT4 Datasheet HTML 3Page - STMicroelectronics STB4NK60ZT4 Datasheet HTML 4Page - STMicroelectronics STB4NK60ZT4 Datasheet HTML 5Page - STMicroelectronics STB4NK60ZT4 Datasheet HTML 6Page - STMicroelectronics STB4NK60ZT4 Datasheet HTML 7Page - STMicroelectronics STB4NK60ZT4 Datasheet HTML 8Page - STMicroelectronics STB4NK60ZT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
600
V
VGS
Gate-source voltage
±30
V
ID
Drain current (continuous) at TC = 25 °C
4
A
ID
Drain current (continuous) at TC = 100 °C
2.5
A
IDM (1)
Drain current (pulsed)
16
A
PTOT
Total dissipation at TC = 25 °C
70
W
ESD
Gate-source human body model (C=100 pF, R=1.5 kΩ)
3
kV
dv/dt (2)
Peak diode recovery voltage slope
4.5
V/ns
Tj
Operating junction temperature range
-55 to 150
°C
Tstg
Storage temperature range
1. Pulse width limited by safe operating area.
2. ISD ≤ 4 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
I2PAK, D2PAK
IPAK, DPAK
Rthj-case
Thermal resistance junction- case
1.79
°C/W
Rthj-amb
Thermal resistance junction-ambient
62.5
100
°C/W
Table 3. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive (pulse width limited by Tj max)
4
A
EAS
Single pulse avalanche energy (starting Tj = 25 °C, ID = IAR, VDD = 50 V)
120
mJ
STB4NK60Z-1, STB4NK60ZT4, STD4NK60Z-1, STD4NK60ZT4
Electrical ratings
DS2818 - Rev 9
page 2/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com