Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSDP343.. Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSDP343..
Description  IR Receiver Modules for Data Transmission
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDP343.. Datasheet(HTML) 5 Page - Vishay Siliconix

  TSDP343.. Datasheet HTML 1Page - Vishay Siliconix TSDP343.. Datasheet HTML 2Page - Vishay Siliconix TSDP343.. Datasheet HTML 3Page - Vishay Siliconix TSDP343.. Datasheet HTML 4Page - Vishay Siliconix TSDP343.. Datasheet HTML 5Page - Vishay Siliconix TSDP343.. Datasheet HTML 6Page - Vishay Siliconix TSDP343.. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TSDP341.., TSDP343..
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 02-Aug-2021
5
Document Number: 82667
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUITABLE DATA FORMAT
Theses receivers are designed to suppress spurious output
pulses due to noise or optical disturbances. The devices can
distinguish data signals from noise due to differences in
frequency, burst length, and envelope duty cycle. For
optimum sensitivity, the data’s modulation frequency
should be close to the device’s band-pass center frequency
(e.g. 38.4 kHz) and fulfill the conditions in the table below.
When a data signal is applied to the receiver in the presence
of noise, the sensitivity of the receiver is automatically
reduced by the AGC to insure that no spurious pulses are
present at the receiver’s output. Some examples of noise
which is suppressed:
• DC light (e.g. from tungsten bulbs sunlight)
• Continuous signals at any frequency
• Strongly or weakly modulated patterns from fluorescent
lamps with electronic ballasts (see Fig. 13 or Fig. 14).
Fig. 13 - IR Disturbance from Fluorescent Lamp
With Low Modulation
Fig. 14 - IR Disturbance from Fluorescent Lamp
With High Modulation
16920
10
100
1000
10000
0
1
2
3
4
5
6
7
0
5
10
15
20
Axis Title
Time (ms)
16921
10
100
1000
10000
-60
-40
-20
0
20
40
0
5
10
15
20
Axis Title
Time (ms)
TSDP341..
TSDP343..
Minimum burst length
6 cycles/burst
6 cycles/burst
After each burst of length
A gap time is required of
6 to 70 cycles
≥ 7 cycles
6 to 35 cycles
≥ 7 cycles
For bursts greater than
a minimum gap time in the data stream is needed of
70 cycles
> 1.2 x burst length
35 cycles
> 6 x burst length
Maximum number of continuous short bursts/second
3000
3000
Suppression of interference from fluorescent lamps
Mildly modulated noise patterns
are suppressed (Fig. 13)
Strongly modulated noise patterns
are suppressed (Fig. 14)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com