Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0103MN6AA4 Datasheet(PDF) 13 Page - STMicroelectronics

Part # Z0103MN6AA4
Description  Standard 1 A Triacs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0103MN6AA4 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button Z0103MN6AA4 Datasheet HTML 8Page - STMicroelectronics Z0103MN6AA4 Datasheet HTML 9Page - STMicroelectronics Z0103MN6AA4 Datasheet HTML 10Page - STMicroelectronics Z0103MN6AA4 Datasheet HTML 11Page - STMicroelectronics Z0103MN6AA4 Datasheet HTML 12Page - STMicroelectronics Z0103MN6AA4 Datasheet HTML 13Page - STMicroelectronics Z0103MN6AA4 Datasheet HTML 14Page - STMicroelectronics Z0103MN6AA4 Datasheet HTML 15Page - STMicroelectronics Z0103MN6AA4 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
3.1
Product selector
Table 8. Product selector
Part Number
Sensitivity
Type
Package
600
800
Z0103MA
Z0103NA
3 mA
Standard
TO-92
Z0103MN
Z0103NN
SOT-223
Z0107MA
Z0107NA
5 mA
TO-92
Z0107MN
Z0107NN
SOT-223
Z0109MA
Z0109NA
10 mA
TO-92
Z0109MN
Z0109NN
SOT-223
Z0110MA
Z0110NA
25 mA
TO-92
Z0110MN
Z0110NN
SOT-223
Z0103MUF
3 mA
SMBflat-3L
Z0107MUF
5 mA
Z0109MUF
10 mA
Z01
Product selector
DS2116 - Rev 11
page 13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com