Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP21.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP21..
Description  IR Receiver Modules for Remote Control Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP21.. Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP21.. Datasheet HTML 1Page - Vishay Siliconix TSOP21.. Datasheet HTML 2Page - Vishay Siliconix TSOP21.. Datasheet HTML 3Page - Vishay Siliconix TSOP21.. Datasheet HTML 4Page - Vishay Siliconix TSOP21.. Datasheet HTML 5Page - Vishay Siliconix TSOP21.. Datasheet HTML 6Page - Vishay Siliconix TSOP21.. Datasheet HTML 7Page - Vishay Siliconix TSOP21.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSOP21.., TSOP23.., TSOP41.., TSOP43.., TSOP25..,
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 2.1, 16-Aug-2022
2
Document Number: 82460
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL DATA
Pinning for TSOP41.., TSOP43.., TSOP45..:
1 = OUT, 2 = GND, 3 = VS
Pinning for TSOP21.., TSOP23.., TSOP25..:
1 = OUT, 2 = VS, 3 = GND
ORDERING CODE
TSOP2..., TSOP4... - 2160 pieces in tubes
APPLICATION CIRCUIT
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability
23198
1
2
3
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170-14
OUT
R
1 and C1 recommended in case there are strong ripple or
spikes on the supply line.
PARTS TABLE
AGC
LEGACY, FOR SHORT BURST
REMOTE CONTROLS (AGC1)
NOISY ENVIRONMENTS AND
SHORT BURSTS (AGC3)
VERY NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC5)
Carrier
frequency
30 kHz
TSOP4130
TSOP2130
TSOP4330
TSOP2330
TSOP4530
TSOP2530
33 kHz
TSOP4133
TSOP2133
TSOP4333
TSOP2333
TSOP4533
TSOP2533
36 kHz
TSOP4136
TSOP2136
TSOP4336 (1)(2)
TSOP2336 (1)(2)
TSOP4536
TSOP2536
38 kHz
TSOP4138
TSOP2138
TSOP4338 (3)(5)
TSOP2338 (3)(5)
TSOP4538
TSOP2538
40 kHz
TSOP4140
TSOP2140
TSOP4340
TSOP2340
TSOP4540
TSOP2540
56 kHz
TSOP4156
TSOP2156
TSOP4356 (4)
TSOP2356 (4)
TSOP4556
TSOP2556
Package
Mold
Pinning
1 = OUT,
2 = GND, 3 = VS
1 = OUT,
2 = VS, 3 = GND
1 = OUT,
2 = GND, 3 = VS
1 = OUT,
2 = VS, 3 = GND
1 = OUT,
2 = GND, 3 = VS
1 = OUT,
2 = VS, 3 = GND
Dimensions (mm)
6.0 W x 6.95 H x 5.6 D
Mounting
Leaded
Application
Remote control
Best choice for
(1) MCIR (2) RCMM (3) RECS-80 Code (4) r-map (5) XMP
Special options
• Narrow optical filter: www.vishay.com/doc?81590
• Wide optical filter: www.vishay.com/doc?82726
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage
VS
-0.3 to +6
V
Supply current
IS
5mA
Output voltage
VO
-0.3 to 5.5
V
Voltage at output to supply
VS - VO
-0.3 to (VS + 0.3)
V
Output current
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
-25 to +85
°C
Operating temperature range
Tamb
-25 to +85
°C
Power consumption
Tamb
≤ 85 °C
Ptot
10
mW
Soldering temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com