Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMT4545 Datasheet(PDF) 1 Page - API Delevan

Part # CMT4545
Description  Surface Mount Toroids
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

CMT4545 Datasheet(HTML) 1 Page - API Delevan

  CMT4545 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Series CMT4545
Surface Mount Toroids
0.49
0.87
1.50
2.00
5.60
8.20
10
15
22
27
33
50
68
75
100
150
200
250
300
0.49
0.87
1.50
2.00
5.60
8.20
10
15
22
27
33
50
68
75
100
150
200
250
300
8.7
7.8
7.1
6.6
4.7
4.4
3.9
3.6
2.6
2.5
2.3
1.9
1.7
1.6
1.4
1.0
0.94
0.79
0.75
8.7
7.8
7.1
6.6
4.7
4.4
3.9
3.6
2.6
2.5
2.3
1.9
1.7
1.6
1.4
1.0
0.94
0.79
0.75
0.37
0.63
0.89
1.21
3.08
4.05
5.41
7.03
11.2
13.1
15.9
24.4
31.5
34.8
46.1
79.0
96.6
130
146
0.45
0.77
1.16
1.62
4.38
6.08
7.63
10.8
15.6
18.8
24.0
36.9
49.0
52.6
72.2
108
143
182
216
0.004
0.005
0.006
0.007
0.014
0.016
0.020
0.024
0.045
0.049
0.056
0.086
0.101
0.125
0.152
0.300
0.343
0.486
0.536
0.004
0.005
0.006
0.007
0.014
0.016
0.020
0.024
0.045
0.049
0.056
0.086
0.101
0.125
0.152
0.300
0.343
0.486
0.536
• Application Versatility
Coupled inductors;
1:1 isolation transformers
• UL94VO Header Material
• Low EMI Radiation
Lead Pad Coplanarity Max.
0.002 inches; 0.05 mm
Inductance values
from 0.49 µH to 300 µH
Physical Parameters
Inches
Millimeters
A 0.594 ± 0.015 15.09 ± 0.38
B 0.250 Max.
6.35 Max.
C 0.070 ± 0.020 1.78 ± 0.51
D 0.450 ± 0.020 11.43 ± 0.51
E 0.520
13.21
F 0.520
13.21
G 0.120 Sq.
3.05 Sq.
Weight Max. (Grams) 2.0
Termination
90/10 Tin/Lead plating
Soldering Internal solder
connections use high
temperature solder
PARALLEL RATINGS
2.00
3.50
5.40
7.80
22.0
31.2
42.4
62.5
86.5
105
135
208
280
300
420
610
805
1000
1200
2.00
3.50
5.40
7.80
22.0
31.2
42.4
62.5
86.5
105
135
208
280
300
420
610
805
1000
1200
4.4
3.9
3.6
3.3
2.3
2.2
2.0
1.8
1.3
1.2
1.2
0.94
0.87
0.78
0.71
0.51
0.47
0.40
0.38
4.4
3.9
3.6
3.3
2.3
2.2
2.0
1.8
1.3
1.2
1.2
0.94
0.87
0.78
0.71
0.51
0.47
0.40
0.38
1.48
2.52
3.56
4.84
12.3
16.2
21.6
28.1
45.0
52.3
63.5
97.7
126
139
184
316
386
520
584
1.80
3.08
4.64
6.48
17.5
24.3
30.5
43.1
62.2
75.4
96.0
148
196
210
289
431
571
730
864
0.016
0.020
0.024
0.028
0.056
0.064
0.080
0.096
0.180
0.196
0.224
0.344
0.404
0.500
0.608
1.200
1.372
1.944
2.144
0.016
0.020
0.024
0.028
0.056
0.064
0.080
0.096
0.180
0.196
0.224
0.344
0.404
0.500
0.608
1.200
1.372
1.944
2.144
SERIES RATINGS
* Note The full load current is the current rating that will cause a
maximum temperature rise of 35°C from a 90°C ambient
LAND PATTERN
DIMENSIONS
SERIES CMT4545 LOW LOSS CORE
CMT4545-00M
CMT4545-02M
CMT4545-04M
CMT4545-06M
CMT4545-08M
CMT4545-10M
CMT4545-12M
CMT4545-14M
CMT4545-16M
CMT4545-18M
CMT4545-20M
CMT4545-22M
CMT4545-24M
CMT4545-26M
CMT4545-28M
CMT4545-30M
CMT4545-32M
CMT4545-34M
CMT4545-36M
SERIES CMT4545 HIGH SATURATION CORE
CMT4545-100M
CMT4545-102M
CMT4545-104M
CMT4545-106M
CMT4545-108M
CMT4545-110M
CMT4545-112M
CMT4545-114M
CMT4545-116M
CMT4545-118M
CMT4545-120M
CMT4545-122M
CMT4545-124M
CMT4545-126M
CMT4545-128M
CMT4545-130M
CMT4545-132M
CMT4545-134M
CMT4545-136M
2/ 2002
PAGE
70
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814


Similar Part No. - CMT4545

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CMT4 EATON-CMT4 Datasheet
840Kb / 6P
Common mode inductors, through-hole
CMT4-1-R EATON-CMT4-1-R Datasheet
840Kb / 6P
Common mode inductors, through-hole
logo
Coilcraft lnc.
CMT4-10-15L COILCRAFT-CMT4-10-15L Datasheet
125Kb / 5P
Common Mode Line Chokes
CMT4-10-9L COILCRAFT-CMT4-10-9L Datasheet
125Kb / 5P
Common Mode Line Chokes
CMT4-125-1L COILCRAFT-CMT4-125-1L Datasheet
125Kb / 5P
Common Mode Line Chokes
More results

Similar Description - CMT4545

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSPT-H CT-CTSPT-H Datasheet
204Kb / 1P
Toroids - Surface Mount
CTSPT-L CT-CTSPT-L Datasheet
204Kb / 1P
Toroids - Surface Mount
logo
API Delevan
4448R API-4448R Datasheet
1Mb / 1P
Surface Mount High Current Power Toroids
4501R API-4501R Datasheet
1Mb / 1P
Surface Mount Low-Profile Power Toroids
logo
Fair-Rite Products Corp...
5967001901 FAIR-RITE-5967001901 Datasheet
1Mb / 2P
Toroids
5968001101 FAIR-RITE-5968001101 Datasheet
1Mb / 2P
Toroids
logo
RENCO ELECTRONICS, INC.
RL-5011 RENCO-RL-5011 Datasheet
383Kb / 2P
COMMON MODE TOROIDS VERTICAL MOUNT
RL-5012 RENCO-RL-5012 Datasheet
1Mb / 2P
COMMON MODE TOROIDS VERTICAL MOUNT
RL-5013 RENCO-RL-5013 Datasheet
1Mb / 2P
COMMON MODE TOROIDS VERTICAL MOUNT
RL-5014 RENCO-RL-5014 Datasheet
1Mb / 2P
COMMON MODE TOROIDS VERTICAL MOUNT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com