Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSP570.. Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSSP570..
Description  IR Receiver Modules for Remote Control Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSP570.. Datasheet(HTML) 4 Page - Vishay Siliconix

  TSSP570.. Datasheet HTML 1Page - Vishay Siliconix TSSP570.. Datasheet HTML 2Page - Vishay Siliconix TSSP570.. Datasheet HTML 3Page - Vishay Siliconix TSSP570.. Datasheet HTML 4Page - Vishay Siliconix TSSP570.. Datasheet HTML 5Page - Vishay Siliconix TSSP570.. Datasheet HTML 6Page - Vishay Siliconix TSSP570.. Datasheet HTML 7Page - Vishay Siliconix TSSP570.. Datasheet HTML 8Page - Vishay Siliconix TSSP570.. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TSSP570..
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 2.4, 16-Aug-2022
4
Document Number: 82482
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Frequency Dependence of Responsivity
Fig. 6 - Sensitivity vs. Ambient Temperature
Fig. 7 - Sensitivity vs. Supply Voltage
Fig. 8 - Relative Spectral Sensitivity vs. Wavelength
Fig. 9 - Horizontal Directivity
The typical application of this device is a reflective or beam
break sensor with active low “detect” or “no detect”
information contained in its output. The TSSP570.. is also
suitable for fast (~ 15 ms) proximity sensor applications for
ranges between 10 cm and 2 m, if a burst pattern with
variable intensity is used.
Example for a sensor hardware:
There should be no common window in front of the emitter
and detector in order to avoid crosstalk via guided light
through the window.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.7
0.9
1.1
1.3
f/f0 - Relative Frequency
16925
f = f
0 ± 5 %
Δf(3 dB) = f
0/10
10
100
1000
10000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-30
-10
10
30
50
70
90
Axis Title
T
amb - Ambient Temperature (°C)
10
100
1000
10000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
123456
Axis Title
V
S - Supply Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
750 800 850 900 950 1000 1050
1150
λ - Wavelength (nm)
1100
Axis Title
d
rel. - Relative Transmission Distance
1.0
0.9
0.7
0.8
30°
50°
40°
80°
0.6
0.4
0.2
00.4
0.2
0.6
20°
10°
0°
60°
70°
21947
Emitter
TSAL6200
IR detector
Separation to avoid crosstalk
by stray light inside the housing



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com