Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXE15 Datasheet(PDF) 21 Page - Artesyn Technologies

Part # CXE15
Description  High Efficiency DC/DC Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

CXE15 Datasheet(HTML) 21 Page - Artesyn Technologies

Back Button CXE15 Datasheet HTML 16Page - Artesyn Technologies CXE15 Datasheet HTML 17Page - Artesyn Technologies CXE15 Datasheet HTML 18Page - Artesyn Technologies CXE15 Datasheet HTML 19Page - Artesyn Technologies CXE15 Datasheet HTML 20Page - Artesyn Technologies CXE15 Datasheet HTML 21Page - Artesyn Technologies CXE15 Datasheet HTML 22Page - Artesyn Technologies CXE15 Datasheet HTML 23Page - Artesyn Technologies CXE15 Datasheet HTML 24Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
TIME (mSec)
-0.02
-0.06
0.00
0.02
-0.04
-0.08
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
TIME (mSec)
-0.02
0.08
0.04
-0.00
0.02
0.06
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
CXE15 Single Series
| 10.8 to 15W DC/DC
High Efficiency DC/DC converters
21
www.artesyn.com
Figure 40: Typical Power-up Characteristic
Figure 41: Control On/Off Characteristic
Figure 42: Typical Transient Response 50%-75%
Step Load Change
0
2468
10
0.0
2.0
4.0
6.0
TIME (mSec)
Low Line
Nom Line
High Line
Signal
0.0
0.1
0.2
0.3
0.4
0.5
0.0
2.0
4.0
6.0
TIME (mSec)
Low Line
Nom Line
High Line
Signal
Figure 44: Typical Ripple and Noise Measurement
Figure 43: Typical Transient Response 75%-50%
Step Load Change
TIME (2.0
µSec/Div)
CXE15-48S05 Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com