Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CI100505-R10J Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CI100505-R10J
Description  Multi-Layer Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CI100505-R10J Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CI100505-R10J Datasheet HTML 1Page - Bourns Electronic Solutions CI100505-R10J Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice.
Bourns Part No.
Inductance
Q min. MHz
SRF MHz
DCR
I rms
nH
Tol.%
100
800
1600
min.
typ.
ohm max.
mA max.
CI100505-1N0D
1.0
±0.3nH
8
20
26
6000
13000
0.10
300
CI100505-1N2D
1.2
±0.3nH
8
20
26
6000
10000
0.10
300
CI100505-1N5D
1.5
±0.3nH
8
20
30
6000
10000
0.10
300
CI100505-1N8D
1.8
±0.3nH
8
22
35
6000
9500
0.12
300
CI100505-2N2D
2.2
±0.3nH
8
22
35
6000
9000
0.16
300
CI100505-2N7D
2.7
±0.3nH
8
22
35
6000
9000
0.20
300
CI100505-3N3D
3.3
±0.3nH
8
22
35
6000
8000
0.22
300
CI100505-3N9D
3.9
±0.3nH
8
22
30
4000
6500
0.25
300
CI100505-4N7D
4.7
±0.3nH
8
22
30
4000
5000
0.28
300
CI100505-5N6D
5.6
±0.3nH
8
22
28
4000
5000
0.29
300
CI100505-6N8J
6.8
±5
8
22
28
3900
4400
0.35
300
CI100505-8N2J
8.2
±5
8
20
28
3600
4000
0.40
250
CI100505-10NJ
10
±5
8
20
24
3200
3500
0.45
250
CI100505-12NJ
12
±5
8
20
24
2700
3500
0.50
200
CI100505-15NJ
15
±5
8
20
20
2300
3000
0.55
200
CI100505-18NJ
18
±5
8
20
15
2100
2600
0.65
200
CI100505-22NJ
22
±5
8
20
13
1900
2200
0.80
200
CI100505-27NJ
27
±5
8
17
—
1600
1900
0.90
200
CI100505-33NJ
33
±5
8
16
—
1300
1700
1.10
200
CI100505-39NJ
39
±5
8
16
—
1200
1600
1.20
100
CI100505-47NJ
47
±5
8
10
—
1000
1300
1.30
100
CI100505-56NJ
56
±5
8
—
—
750
900
1.40
100
CI100505-68NJ
68
±5
8
—
—
700
800
1.40
100
CI100505-82NJ
82
±5
8
—
—
600
700
1.60
100
CI100505-R10J
100
±5
8
—
—
550
650
2.00
100
9.0
(.354)
12.0
(.472)
2.0
± 0.8
(.079
± .031)
50.0
(1.969)
178.0
(7.00)
DIA.
13.0
± 0.5
(.512
± .020)
DIA.
13.0
± 0.5
(.512
± .020)
DIA.
21.0
± 0.8
(.827
± .031)
Packaging Specifications
CI100505 Series - Multi-Layer Chip Inductors
Features
I 0402 size
I Available in E12 Series
I High frequency
I Nickel barrier
Applications
I Mobil phones
I Cellular phones
I CTV, VCR, HIC, FDD
I Automotive electronics
Electrical Specifications
Product Dimensions
Recommended Layout
1.0
± 0.05
(.039
± .002)
.04
(.002)
MAX.
0.5
± 0.05
(.020
± .002)
0.5
± 0.05
(.020
± .002)
General Specifications
Temperature Rise
....................20˚C max. at rated current
Operating Temperature ..-55°C to +125°C
Storage Temperature ....-55°C to +125°C
Reflow Soldering.....230°C, 10 sec. max.
Resistance to Soldering Heat
................................260˚C, 10 seconds
Materials
Base Material .............................Ceramic
Terminal Electrode ...................Ag, Ni, Sn
Packaging ................10,000 pcs. per reel
1.0
(.040)
REF.
REF.
0.4
(.016)
REF.
0.5
(.020)
REF.
0.5
(.020)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - CI100505-R10J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505-R10J BOURNS-CI100505-R10J Datasheet
103Kb / 2P
Multi-Layer Chip Inductors
logo
FENGJUI TECHNOLOGY CO.,...
CI100505-R10J FENGJUI-CI100505-R10J Datasheet
227Kb / 7P
EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - CI100505-R10J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI201210 BOURNS-CI201210 Datasheet
751Kb / 2P
Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808 Datasheet
253Kb / 2P
Multi-Layer Chip Inductors
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
Ferrite Multi-Layer Chip Inductors
CE201210 BOURNS-CE201210 Datasheet
208Kb / 2P
Multi-Layer Chip Inductors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
Multi-layer Chip Inductors - Ceramic
logo
Bourns Electronic Solut...
CE201210 BOURNS-CE201210_12 Datasheet
259Kb / 2P
Multi-Layer Chip Inductors
CI100505 BOURNS-CI100505_12 Datasheet
103Kb / 2P
Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808_11 Datasheet
218Kb / 2P
Multi-Layer Chip Inductors
logo
Central Technologies
CT0201F CT-CT0201F Datasheet
86Kb / 1P
Multi-layer Chip Inductors
CTLL2012F-FH CT-CTLL2012F-FH Datasheet
306Kb / 1P
Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com