Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CI201210-R18J Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CI201210-R18J
Description  Multi-Layer Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CI201210-R18J Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CI201210-R18J Datasheet HTML 1Page - Bourns Electronic Solutions CI201210-R18J Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice.
Bourns Part No.
Inductance
Q
Test Freq.
SRF MHz
DCR
I rms
nH
Tol.%
min.
L,Q MHz
min.
typ.
ohm max.
mA max.
CI201210-1N0D
1.0
±0.3nH
10
100
4000
12000
0.10
300
CI201210-1N2D
1.2
±0.3nH
10
100
4000
10000
0.10
300
CI201210-1N5D
1.5
±0.3nH
10
100
4000
10000
0.10
300
CI201210-1N8D
1.8
±0.3nH
10
100
4000
8000
0.10
300
CI201210-2N2D
2.2
±0.3nH
10
100
3800
8000
0.10
300
CI201210-2N7D
2.7
±0.3nH
10
100
3600
6000
0.10
300
CI201210-3N3D
3.3
±0.3nH
10
100
3400
6000
0.13
300
CI201210-3N9D
3.9
±0.3nH
10
100
3200
5400
0.15
300
CI201210-4N7D
4.7
±0.3nH
10
100
3000
4500
0.20
300
CI201210-5N6D
5.6
±0.3nH
10
100
2800
4000
0.23
300
CI201210-6N8J
6.8
±5
10
100
2600
3650
0.25
300
CI201210-8N2J
8.2
±5
10
100
2200
3000
0.28
300
CI201210-10NJ
10
±5
10
100
1800
2500
0.30
300
CI201210-12NJ
12
±5
10
100
1650
2450
0.35
300
CI201210-15NJ
15
±5
10
100
1350
2000
0.40
300
CI201210-18NJ
18
±5
10
100
1350
1750
0.45
300
CI201210-22NJ
22
±5
15
100
1100
1700
0.50
300
CI201210-27NJ
27
±5
15
100
1100
1550
0.55
300
CI201210-33NJ
33
±5
15
100
1000
1350
0.60
300
CI201210-39NJ
39
±5
15
100
900
1300
0.65
300
CI201210-47NJ
47
±5
15
100
850
1200
0.70
300
CI201210-56NJ
56
±5
15
100
750
1150
0.75
300
CI201210-68NJ
68
±5
15
100
400
1000
0.80
300
CI201210-82NJ
82
±5
15
100
600
850
0.90
300
CI201210-R10J
100
±5
15
100
500
730
1.00
300
CI201210-R12J
120
±5
15
50
450
650
1.30
250
CI201210-R15J
150
±5
15
50
400
550
1.50
250
CI201210-R18J
180
±5
15
50
350
500
1.80
250
CI201210-R22J
220
±5
10
50
330
450
2.00
250
CI201210-R27J
270
±5
10
50
300
410
2.50
250
CI201210-R33J
330
±5
10
50
270
370
3.00
250
CI201210-R39J
390
±5
10
50
220
330
3.50
250
CI201210-R47J
470
±5
10
50
180
280
4.00
250
9.0
(.354)
12.0
(.472)
2.0
± 0.8
(.079
± .031)
50.0
(1.969)
178.0
(7.00)
DIA.
13.0
± 0.5
(.512
± .020)
DIA.
13.0
± 0.5
(.512
± .020)
DIA.
21.0
± 0.8
(.827
± .031)
Packaging Specifications
CI201210 Series - Multi-Layer Chip Inductors
Features
I 0805 size
I Available in E12 Series
I High frequency
I Nickel barrier
Applications
I Mobil phones
I Cellular phones
I CTV, VCR, HIC, FDD
I Automotive electronics
Electrical Specifications
Product Dimensions
Recommended Layout
2.0
± 0.2
(.079
± .008)
.05
(.002)
MAX.
1.0
± 0.2
(.039
± .008)
1.25
± 0.2
(.049
± .008)
General Specifications
Temperature Rise
....................20˚C max. at rated current
Operating Temperature ..-55°C to +125°C
Storage Temperature ....-55°C to +125°C
Reflow Soldering.....230°C, 10 sec. max.
Resistance to Soldering Heat
................................260˚C, 10 seconds
Materials
Base Material .............................Ceramic
Terminal Electrode ...................Ag, Ni, Sn
Packaging ..................3,000 pcs. per reel
1.8
(.071)
REF.
REF.
0.8
(.031)
REF.
1.2
(.047)
REF.
1.2
(.047)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - CI201210-R18J

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CI2020A CITIZEN-CI2020A Datasheet
204Kb / 1P
Thin SMD Inductor
CI2020A100M CITIZEN-CI2020A100M Datasheet
204Kb / 1P
Thin SMD Inductor
CI2020A1R0M CITIZEN-CI2020A1R0M Datasheet
204Kb / 1P
Thin SMD Inductor
CI2020A1R5M CITIZEN-CI2020A1R5M Datasheet
204Kb / 1P
Thin SMD Inductor
CI2020A2R2M CITIZEN-CI2020A2R2M Datasheet
204Kb / 1P
Thin SMD Inductor
More results

Similar Description - CI201210-R18J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505 BOURNS-CI100505 Datasheet
434Kb / 2P
Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808 Datasheet
253Kb / 2P
Multi-Layer Chip Inductors
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
Ferrite Multi-Layer Chip Inductors
CE201210 BOURNS-CE201210 Datasheet
208Kb / 2P
Multi-Layer Chip Inductors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
Multi-layer Chip Inductors - Ceramic
logo
Bourns Electronic Solut...
CE201210 BOURNS-CE201210_12 Datasheet
259Kb / 2P
Multi-Layer Chip Inductors
CI100505 BOURNS-CI100505_12 Datasheet
103Kb / 2P
Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808_11 Datasheet
218Kb / 2P
Multi-Layer Chip Inductors
logo
Central Technologies
CT0201F CT-CT0201F Datasheet
86Kb / 1P
Multi-layer Chip Inductors
CTLL2012F-FH CT-CTLL2012F-FH Datasheet
306Kb / 1P
Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com