Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP-Z-R0015 Datasheet(PDF) 4 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # FMP-Z-R0015
Description  2 mOhms ±1% 3.5W Chip Resistor 2010 (5025 Metric) Automotive AEC-Q200, Current Sense, Moisture Resistant, Pulse Withstanding
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

FMP-Z-R0015 Datasheet(HTML) 4 Page - Isabellenhütte Heusler GmbH & Co. KG

  FMP-Z-R0015 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG FMP-Z-R0015 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG FMP-Z-R0015 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG FMP-Z-R0015 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Isabellenhütte Heusler GmbH & Co. KG // sales.components@isabellenhuette.de // Issue 11-November-2019 // Current valid issue: see www.isabellenhuette.de
4 /4
ISA-PLAN® // PRECISION RESISTORS
FMP // Size 2010
Maximum pulse energy respectively pulse power for permanent operation
Specification
Parameters
Test conditions
Specified values
Temperature Cycling
2000 cycles (-55 °C to +150 °C)
in preparation
Low Temperature Storage
-65 °C for 250 h
Moisture Resistance
MIL-STD-202 method 106
Mechanical Shock
100 g, 6 ms half sine
Vibration, High Frequency
10 g, 10-2000 Hz, 24 h each axis
Operational Life
2000 h, TK max at rated power
High Temperature Exposure
2000 h / 170 °C
Bias Humidity
+85 °C, 85 r.F., 1000 h, powered
0,0001
0,001
0,01
0,1
1
10
100
0,01
0,1
1
10
100
1000
10000
0,0001
0,001
0,01
0,1
1
10
100
FMP-Z-R0015, FMP-M-R003, FMP-V-R006
Maximum pulse energy / power continuous operation (TK = 110 °C)
1000
10000
Pulse width [sec]
Disclaimer // All products, product specifications and data are subject to change without notice.
The product specifications do not expand or otherwise modify Isabellenhütte’s terms and conditions of sale, including but not limited to, the warranty expressed
therein. Isabellenhütte makes no warranty, representation or guarantee other than as set forth in its terms and conditions of sale.
Information provided in datasheets and/or specifications may vary from actual results in different applications. Any statements made by Isabellenhütte
regarding the suitability of products for certain types of applications are based on its knowledge of typical requirements that are often placed on its products.
It is the customer’s responsibility to validate that a particular product with the properties described in the product specification is suitable for use in the
application intended.
No license, express or implied, or otherwise, to any intellectual property rights is granted by this document.
Any and all liability arising out of the application or use of any product shall be as set forth in Isabellenhütte’s terms and conditions of sale.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com