Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXA40 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # EXA40
Description  40W High Efficiency DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

EXA40 Datasheet(HTML) 3 Page - Artesyn Technologies

  EXA40 Datasheet HTML 1Page - Artesyn Technologies EXA40 Datasheet HTML 2Page - Artesyn Technologies EXA40 Datasheet HTML 3Page - Artesyn Technologies EXA40 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
EXA40 Series
Single output
DC/DC CONVERTERS
40W High Efficiency DC/DC Converters
3
Please consult our website for the following items:
Application Note
Shortform Data Sheet
www.artesyn.com
File Name: LF_EXA40.PDF Rev: 15 Jan 2002
PIN CONNECTIONS
PIN NUMBER
SINGLE OUTPUT
1
+ Input
2
– Input
4
Remote ON/OFF
6
+ Output
7
- Output
8
Trim
2.20
(55.88)
1.80
(45.72)
0.20
(5.08)
6
7
8
1
2
4
0.20
(5.08)
2.20
(55.88)
0.20
(5.08)
0.40 (10.16)
0.40 (10.16)
0.40 (10.16)
0.50 (12.70)
0.60 (15.24)
0.35
(8.89)
1.800
(45.72)
2.200
±0.02
(55.88
±0.5)
1.200
(30.48)
0.600
(15.24)
1.000
(25.40)
0.200
(5.08)
2.042
(51.88)
2.200
±0.02
(55.88
±0.5)
2.003
(50.88)
0.700
(17.78)
0.300
(7.62)
0.100
(2.54)
0.398
±0.012
(10.10
±0.3)
0.020
(0.50)
ø0.040
±0.002
(ø1.02)
±0.05
0.142
(3.60)
0.200
(5.08)
1
2
4
6
7
8
unless otherwise specified
10K
TRIMPOT
TRIM
UP
TRIM
DOWN
6
8
7
6
8
7
RTU
RTD
8
10K
EXTERNAL OUTPUT TRIMMING
Single output models can be externally trimmed
by ±10% using either method shown below.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com