Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXB30 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # EXB30
Description  16-30W High Efficiency DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

EXB30 Datasheet(HTML) 2 Page - Artesyn Technologies

  EXB30 Datasheet HTML 1Page - Artesyn Technologies EXB30 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
Measured as per recommended set-up.
2
di/dt = 0.1A/µs, Vin = 48VDC, Tc = 25°C, load change = 0.5 lo max. to 0.75
lo max. and 0.75 lo max. to 0.5 lo max.
3
The EXB30 meets level A and level B conducted emissions only with
external components connected before the input pins to the converter.
Full details are given in Application Note 108 on the website.
4
Recommended input fusing is a 2A HRC 200V rated fuse.
5
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
6
Simulated source impedance of 12
µH. 12µH inductor in series with +Vin.
7
Start-up into resistive load.
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is not user accessible.
PROTECTION
Short circuit protection
Continuous
Overvoltage protection
Non-latching clamp
Thermal protection
125°C hot spot temperature with
automatic recovery
TELECOM SPECIFICATION
Central office interface A
ETS300-132-2, input voltage
and current requirements
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1- Vin
2
No Pin
3
Remote ON/OFF
4+ Vin
5
+ Vout
6
+ Sense
7
Trim
8
- Sense
9
- Vout
EXB30 Series
Single output
DC/DC CONVERTERS
16-30W High Efficiency DC/DC Converters
2
Please consult our website for the following items:
Application Note
Longform Data Sheet
www.artesyn.com
File Name: EXB30S.PDF Rev: 11 Jan 2002
1.90
(48.26)
0.19
(4.83)
2.28
±0.02
(57.91
±0.5)
ALL DIMENSIONS IN INCHES (mm)
General Tolerance
±0.010 (0.25)
(unless otherwise specified)
OPEN-FRAME
HEIGHT
ø0.040
±0.002
(ø1.02
± 0.05)
STAND-OFFS
4 PLACES
BOTTOM
VIEW
1
3
4
9
5
6
7
8
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(MAX.)
(MIN.)
(MAX.)
16W
36-75VDC
2.3VDC
2.0V
0A
8A
86%
±0.1%
±0.2%
EXB30-48S2V0
20W
36-75VDC
2.9VDC
2.5V
0A
8A
87%
±0.1%
±0.2%
EXB30-48S2V5
26.4W
36-75VDC
3.8VDC
3.3V
0A
8A
90%
±0.1%
±0.2%
EXB30-48S3V3
30W
36-75VDC
5.65VDC
5.0V
0A
6A
92%
±0.1%
±0.2%
EXB30-48S05
30W
36-75VDC
14.2VDC
12.0V
0A
2.5A
90%
±0.1%
±0.2%
EXB30-48S12
TRIM
UP
+ Sense
Trim
- Sense
TRIM
DOWN
RT1
or
RT2
EXTERNAL OUTPUT TRIMMING
All models can be externally trimmed by
using the method shown below.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com