Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXB50 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # EXB50
Description  50W High Efficiency DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

EXB50 Datasheet(HTML) 1 Page - Artesyn Technologies

  EXB50 Datasheet HTML 1Page - Artesyn Technologies EXB50 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC/DC CONVERTERS
50W High Efficiency DC/DC Converters
1
2 YEAR WARRANTY
EXB50 Dual Series
Dual positive output
• Two independently regulated positive outputs
• Each output offers ultra-wide output voltage
trim range (0.8V to 3.6V for EXB50-48D3V3-1V8,
1.5V to 5.25V for EXB50-48D05-3V3)
• High efficiency topology, 89% typical
• Approved to IEC60950, UL/cUL1950
• Operating ambient temperature of -40°C to +70°C
(natural convection)
• No minimum load on either output
• Complies with ETS 300 019-1-3/2-3 and ETS 300 386-1
The EXB50 Dual is a 50W independently regulated dual output DC/DC converter specifically
designed to meet the power needs of low voltage silicon. Housed in an open frame package
with an industry standard 1/2 brick footprint, the EXB50 Dual can deliver up to 8.5A from either
output, and up to 11A in total, at temperatures of up to 70ºC under natural convection. With
some forced air and/or reduced ambient temperatures, the EXB50 can deliver up to 8.5A from
either output, and up to 17A in total. The converter is primarily intended for the networking,
telecoms and wireless markets, where small size, lower output voltages with higher currents,
low profile and high efficiency are all key demands. Product features include wide output trim
and remote on/off. Overvoltage, short circuit and over-temperature protection combines to
make the EXB50 Dual a very robust and flexible product.
All specifications are typical at Vin = 48V, Io1 = 5A, Io2 = 5A, Tamb = 25°C unless otherwise stated
EMC CHARACTERISTICS
ETS 300 386-1 table 5
Conducted emissions
EN55022 with external filter
Level A
(See Note 3)
EN55022 with external filter
Level B
Radiated emissions
EN55022
Level A
Immunity:
ESD air
EN61000-4-2 8kV (NP), 15kV (RP)
ESD contact
EN61000-4-2 6kV (NP), 8kV (RP)
EFT DC power
EN61000-4-4 2kV (NP), 4kV (LFS)
EFT signal
EN61000-4-4 1kV (NP), 2kV (LFS)
Radiated field enclosure
EN61000-4-3 10V/m (NP)
Surges indoor signal
EN61000-4-5 500V (RP)
Conducted (DC power)
EN61000-4-6 10V (NP)
Conducted (signal)
EN61000-4-6 10V (NP)
Input transients
ETS 300 132-2, ETR 283
GENERAL SPECIFICATIONS
Efficiency
89% typ.
Basic insulation
Input/output
1500VDC
Input fuse 48V
(See Note 2)
4A slow blow HRC
Switching frequency
EXB50-48D3V3-1V8
250kHz
(fixed)
EXB50-48D05-3V3
300kHz
Approvals and
IEC60950
standards
UL/cUL1950
Material Flammability
UL94V-0
Weight
42g (1.48oz)
MTBF
MIL-HDBK-217
177,362 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
-40°C to +100°C,
(See Notes 4 and 5)
temperature
see curves
Non-operating
-40°C to +120°C
ETS 300 019-2-3
Classes T3.1 to T3.5
Air temperature
Low: IEC 68-2-1
-40°C
High: IEC 68-2-2
+70°C
Change: IEC 68-2-14
-40°C to +70°C
Relative humidity
IEC 68-2-56
10% to 100% RH
IEC 68-2-30
Condensation
OUTPUT SPECIFICATIONS
Voltage adjustability
EXB50-48D3V3-1V8
0.8V to 3.6V
EXB50-48D05-3V3
1.5V to 5.25V
Voltage accuracy
Both outputs
±0.5% max.
Line regulation
Low line to high line
Vout1 ±0.5%
Low line to high line
Vout2 ±0.5%
Load regulation
Full load to no load
±0.5%
Minimum load
Both outputs
0%
Ripple and noise
Both outputs
150mV pk-pk max.
20MHz bandwidth
30mV rms max.
Transient response
3A to 5A (1A/10µs)
150mV
peak dev. settling time
and back
400µs
Short circuit protection
EXB50-48D3V3-1V8
17A rms
EXB50-48D05-3V3
15A rms
INPUT SPECIFICATIONS
Input voltage range
48Vin nominal
36 to 75VDC
Input current
No load
100mA max.
Remote OFF
4mA max.
UVLO turn ON voltage
All inputs
34V typ.
UVLO turn OFF voltage
All inputs
33V typ.
Active high remote ON/OFF
Logic compatibility
Open collector ref. to -input
ON
Open circuit voltage or >3.2VDC
OFF (See Note 7)
<0.4VDC
Active low remote ON/OFF
Logic compatibility
Open collector ref. to -input
ON
0.4VDC max.
OFF (See Note 7)
Open circuit voltage or >3.2VDC
SPECIFICATIONS
File Name: EXB50D.PDF Rev: 10 June 2002
TÜV


Similar Part No. - EXB50

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
EXB50 EMERSON-NETWORKPOWER-EXB50 Datasheet
180Kb / 3P
20-50 W High Efficiency DC-DC Converters
EXB50-24S05J EMERSON-NETWORKPOWER-EXB50-24S05J Datasheet
180Kb / 3P
20-50 W High Efficiency DC-DC Converters
EXB50-24S2V0J EMERSON-NETWORKPOWER-EXB50-24S2V0J Datasheet
180Kb / 3P
20-50 W High Efficiency DC-DC Converters
EXB50-24S3V3J EMERSON-NETWORKPOWER-EXB50-24S3V3J Datasheet
180Kb / 3P
20-50 W High Efficiency DC-DC Converters
logo
Artesyn Technologies
EXB50-48D05-3V3J ARTESYN-EXB50-48D05-3V3J Datasheet
204Kb / 2P
50 W High Efficiency DC-DC Converters
More results

Similar Description - EXB50

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT15E ARTESYN-SMT15E Datasheet
113Kb / 2P
DC/DC CONVERTERS 50W Non-isolated DC/DC Converters
SXQ50 ARTESYN-SXQ50 Datasheet
128Kb / 2P
36-50W High Efficiency DC/DC Converters
EXQ50 ARTESYN-EXQ50 Datasheet
64Kb / 2P
36-50W High Efficiency DC/DC Converters
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
High Efficiency DC-DC Converters
Rev.2, Jun-2006
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
High-Efficiency DC-DC Converters
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
High-Efficiency DC-DC Converters
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
High-Efficiency DC-DC Converters
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
High-Efficiency DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com