Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUH513 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUH513
Description  HIGH VOLTAGE FASTSWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUH513 Datasheet(HTML) 2 Page - STMicroelectronics

  BUH513 Datasheet HTML 1Page - STMicroelectronics BUH513 Datasheet HTML 2Page - STMicroelectronics BUH513 Datasheet HTML 3Page - STMicroelectronics BUH513 Datasheet HTML 4Page - STMicroelectronics BUH513 Datasheet HTML 5Page - STMicroelectronics BUH513 Datasheet HTML 6Page - STMicroelectronics BUH513 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THERMAL DATA
Rthj-ca se
Thermal Resistance Junction-case
Max
2.5
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symbo l
Parameter
T est Con ditio ns
Min .
T yp.
Max.
Uni t
ICES
Collector Cut -off
Current (VBE =0)
VCE = 1300 V
VCE = 1300 V
Tj = 125
oC
1
2
mA
mA
IEBO
Emitter Cut- off Current
(IC =0)
VEB = 5 V
100
µA
VCEO(s us)
Collector-Emitt er
Sustaining Voltage
IC =100 mA
700
V
VEBO
Emitter-Base Voltage
(IC =0)
IE =10 mA
10
V
VCE(sat)
∗ Collector-Emitter
Sat uration Voltage
IC =5 A
IB =1.25 A
1.5
V
VBE(sat)
∗ Base-Emitter
Sat uration Voltage
IC =5 A
IB =1.25 A
1.3
V
hFE
∗
DC Current Gain
IC =5 A
VCE =5 V
IC =5 A
VCE =5 V
Tj =100
oC
6
4
ts
tf
RESISTIVE LOAD
Storage Time
Fall Time
VCC =400 V
IC =5 A
IB1 = 1.25 A
IB2 =2.5 A
2. 7
190
3.9
280
µs
ns
ts
tf
INDUCT IVE LOAD
Storage Time
Fall Time
IC =5 A
f = 15625 Hz
IB1 = 1.25 A
IB2 =-2.5 A
Vcefly back =1050 sin
π
10
10
6
tV
2. 3
350
µs
ns
ts
tf
INDUCT IVE LOAD
Storage Time
Fall Time
IC = 5 A
f = 31250 Hz
IB1 = 1.25 A
IB2 =-2.5 A
Vcefly back =1200 sin
π
5
10
6
tV
2. 3
200
µs
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Area
Thermal Impedance
BUH513
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com