Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUH515FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUH515FP
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUH515FP Datasheet(HTML) 1 Page - STMicroelectronics

  BUH515FP Datasheet HTML 1Page - STMicroelectronics BUH515FP Datasheet HTML 2Page - STMicroelectronics BUH515FP Datasheet HTML 3Page - STMicroelectronics BUH515FP Datasheet HTML 4Page - STMicroelectronics BUH515FP Datasheet HTML 5Page - STMicroelectronics BUH515FP Datasheet HTML 6Page - STMicroelectronics BUH515FP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BUH515FP
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
s
HIGH VOLTAGE CAPABILITY
s
FULLY MOLDED ISOLATED PACKAGE
s
2000 V DC ISOLATION (U.L. COMPLIANT)
APPLICATIONS:
s
HORIZONTAL DEFLECTION FOR COLOUR
TV AND MONITORS
s
SWITCH MODE POWER SUPPLIES
DESCRIPTION
The
BUH515FP
is
manufactured
using
Multiepitaxial Mesa technology for cost-effective
high performance and uses a Hollow
Emitter
structure to enhance switching speeds.
The BUH series is designed for use in horizontal
deflection circuits in televisions and monitors.
INTERNAL SCHEMATIC DIAGRAM
April 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
VCBO
Collect or-Base Voltage (IE = 0)
1500
V
VCEO
Collect or-Emitt er Voltage (IB = 0)
700
V
VEBO
Emitt er-Base Voltage (IC =0)
10
V
IC
Collect or Current
8
A
ICM
Collect or Peak Current (tp <5 ms)
12
A
IB
Base Current
5
A
IBM
Base Peak Current (tp <5 ms)
8
A
Ptot
Total Dissipation at Tc =25
oC38
W
Tstg
St orage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1
2
3
TO-220FP
1/7


Similar Part No. - BUH515FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUH515 STMICROELECTRONICS-BUH515 Datasheet
85Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-1999
logo
Savantic, Inc.
BUH515 SAVANTIC-BUH515 Datasheet
147Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUH515 ISC-BUH515 Datasheet
131Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BUH515 SAVANTIC-BUH515 Datasheet
149Kb / 3P
Silicon NPN Power Transistors
logo
List of Unclassifed Man...
BUH515 ETC2-BUH515 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - BUH515FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com