Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXQ60 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # EXQ60
Description  60W High Efficiency DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

EXQ60 Datasheet(HTML) 2 Page - Artesyn Technologies

  EXQ60 Datasheet HTML 1Page - Artesyn Technologies EXQ60 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
Io1 = 6A, Io2 = 9A
2
User must provide recommended fuses in order to comply with safety
approvals.
3
Maximum continuous output power.
60 Watts for D05-3V3 models
40 Watts for D3V3-2V5 models.
4
Active low remoteon/off is available. Standard product is active high.
When ordering active low parts, designate with the Suffix ‘-R’,
e.g. EXQ60-48D3V3-2V5-R.
5
When ordering 0.110" pin lengths designate with suffix ‘-K‘. If the product
is already a ‘-R’ suffix product then the suffix will be ‘-RK’
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is not user accessible.
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1+Vin
2
Remote On/Off
3-Vin
4
OP2
5
Output Return
6
Trim
7
OP1
EXQ60D Series
Dual positive output
DC/DC CONVERTERS
60W High Efficiency DC/DC Converters
2
Please consult our website for the following items:
Application Note
Longform Data Sheet
www.artesyn.com
File Name: EXQ60D.PDF Rev: 24 July 2002
INPUT
OUTPUT VOLTAGE
OUTPUT CURRENT
OVP
TYPICAL
MODEL
VOLTAGE
OP1
OP2
1
2
1
2
EFFICIENCY
NUMBER (4, 5)
33-75VDC
5V
3.3V
12A
15A
5.9V
4.0V
91.5%
EXQ60-48D05-3V3
33-75VDC
3.3V
2.5V
12A
16A
4.0V
3.0V
90.5%
EXQ60-48D3V3-2V5
International Safety Standard Approvals
UL/cUL : UL1950 File No. E135734
TÜV
TÜV Rheinland Certificate No. R2279036
CB Scheme No. US-TUVR-1157
Recommended Hole Pattern
M3 x 0.5 Threaded
Through (4 PLS)
Ø0.128 [Ø3.25]
(4 PLS)
Ø0.054 [Ø1.37]
(7 PLS)
0.000 [0.00]
0.225 [5.72]
0.475 [12.07]
0.725 [18.42]
0.975 [24.77]
0.50 [12.70]
0.250 [6.35]
0.600 [15.24]
0.950 [24.13]
0.000 [0.00]
*
0.145 [3.68]
0.000 [0.00]
0.225 [5.72]
0.475 [12.07]
0.725 [18.42]
0.975 [24.77]
0.250 [6.35]
0.600 [15.24]
0.950 [24.13]
1.200 [30.48]
0.000 [0.00]
1
2
3
4
5
6
7
3
2
1
7
6
5
4
Ø0.040 [Ø1.09]
(7 PLS)
2.000 [50.80]
2.300 [58.42]
2.000 [50.80]
0.150 [3.81]
0.150 [3.81]
1.500
[38.10]
1.200
[30.48]
ALL DIMENSIONS IN INCHES [mm]
Bottom View
Top View
*Standard available pin length.
0.110 (2.79) option also available.
See Note 5 for ordering details



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com