Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F545 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F545
Description  Octal bidirectional transceiver with 3-State inputs/outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F545 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F545 Datasheet HTML 1Page - NXP Semiconductors 74F545 Datasheet HTML 2Page - NXP Semiconductors 74F545 Datasheet HTML 3Page - NXP Semiconductors 74F545 Datasheet HTML 4Page - NXP Semiconductors 74F545 Datasheet HTML 5Page - NXP Semiconductors 74F545 Datasheet HTML 6Page - NXP Semiconductors 74F545 Datasheet HTML 7Page - NXP Semiconductors 74F545 Datasheet HTML 8Page - NXP Semiconductors 74F545 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F545
Octal bidirectional transceiver (with 3-State inputs/outputs)
2
1990 Mar 01
853–0375 98992
FEATURES
• High impedance NPN base inputs for reduced loading
(70
µA in High and Low states) output
• 8-bit bidirectional data flow reduces system package count
• 3-State inputs/outputs for interfacing with bus oriented systems
• 24mA and 64mA bus drive capability on A and B ports,
respectively
• Transmit/Receive and Output Enable simplify control logic
DESCRIPTION
The 74F545 is an 8-bit, 3-State, high speed transceiver. It provides
bidirectional drive for the bus-oriented microprocessor and digital
communications systems. Straight through bidirectional transceivers
are featured, with 24mA bus drive capability on the A ports and
64mA bus drive capability on the B ports. One input,
Transmit/Receive (T/R) determines the direction of logic signals
through the bidirectional transceiver. Transmit enables data from A
ports to B ports; Receive enables data from B ports to A ports. The
Output Enable input disables both A and B ports by placing them in
a 3-State condition. The 74F545 performs the same function as the
74F245, the only difference being package pin assignment.
PIN CONFIGURATION
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
VCC
B0
B1
B4
B5
B6
B7
A0
A1
A4
A5
A7
OE
GND
B2
B3
A3
A2
SF01032
A6
T/R
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F545
4.0ns
87mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL
RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
20-Pin Plastic DIP
N74F545N
SOT146-1
20-Pin Plastic SOL
N74F545D
SOT163-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A0–A7, B0–B7
Data inputs
3.5/0.117
70
µA/70µA
OE
Output Enable input (active Low)
2.0/0.067
40
µA/40µA
T/R
Transmit/Receive input
2.0/0.067
40
µA/40µA
A0 - A7
Port A 3-State outputs
150/40
3.0mA/24mA
B0 - B7
Port B 3-State outputs
750/107
15mA/64mA
NOTE: One (1.0) FAST Unit Load is defined as: 20
µA in the High state and 0.6mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com