Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2128C Datasheet(PDF) 13 Page - Silan Microelectronics Joint-stock

Part # SC2128C
Description  REMOTE FAN CONTROL IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC2128C Datasheet(HTML) 13 Page - Silan Microelectronics Joint-stock

Back Button SC2128C Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC2128C Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC2128C Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC2128C Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC2128C Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC2128C Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC2128C Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC2128C Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC2128C Datasheet HTML 13Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Silan
Semiconductors
SC2128C
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.1
2001.09.26
13
SC2268 IR TRANSMITTER APPLICATION CIRCUIT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SC2268
I1
I2
I3
I4
I5
I6
I7
I8
Vcc
OSC1
OSC2
Tx OUT
C4
C5
C6
Vss
+3V
SPEED
MODE
TIMER
LIGHT
SLEEP
SW2
SW1
OFF/MEMS
A1015
C1815
10
455kHz
IR LED
220pf
220pf
1k
Note: SC2268 is recommended to be used with SC2128C. For this circuit, the “Start Word” is “00110011”
PACKAGE OUTLINE
DIP-24-300-2.54
2.54
15 degree
0.46
34.50
1.50
UNIT: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com