Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHS-01TB2 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # CHS-01TB2
Description  SURFACE MOUNT TYPE SLIDE SWITCHES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CHS-01TB2 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button CHS-01TB2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CHS-01TB2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CHS-01TB2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CHS-01TB2 Datasheet HTML 10Page - List of Unclassifed Manufacturers CHS-01TB2 Datasheet HTML 11Page - List of Unclassifed Manufacturers CHS-01TB2 Datasheet HTML 12Page - List of Unclassifed Manufacturers CHS-01TB2 Datasheet HTML 13Page - List of Unclassifed Manufacturers CHS-01TB2 Datasheet HTML 14Page - List of Unclassifed Manufacturers CHS-01TB2 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
s PACKAGING SPECIFICATIONS
<Taping packaging specifications>
q Taping version is packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e.,
500, 1000, 1500 pcs., etc.
q Taping version is boxed with two reels (1000 pcs.).
Maximum number of consecutive missing pieces=2
Leader length and reel dimension are shown in the
diagrams below:
q Embossed tape dimensions
q Reel dimensions
(Unit: mm)
Empty
Filled
Empty
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
Head
End
Leader
21
±0.8
13
±0.2
2
±0.5
250
±2
22.4 max. (2,4,6 bits)
(8,10 bits)
30.4 max.
16.4
+2
0
(1, 2,4,6 bits)
(8,10 bits)
24.4
+2
0
q Reel & embossed tapematerials
Embossed tape: Plastic
Reel: Paper
q Embossed tape pull strength
10 N {1.02 kgf} minimum
q Peeling strength of seal tape
0.1~0.7 N {10.2~71.4 gf}
q Test method for peeling strength of seal tape
Seal cover tape
165
°~180°
Direction of feed
Carrier tape
Peel direction
(300 mm/min)
s SOLDERING CONDITIONS
q Soldering iron
3 s maximum at 300 °C
q Vapor-phase soldering
215 °C, less than 35 s
q Infrared reflow soldering
The temperature profile shown at right is recommended
for reflow soldering. However, process carefully in case
of infrared heater, because the absoription rate of the
object may vary according to its color, material, etc. and
thus heating rate can be different. Please note that the
surface temperature of the product should not exceed
240 ˚C. When the product temperature exceeds 250 ˚C,
deformation may occur due to heat.
Time
Tp
Tm
3 ~ 4 min
Tp
240
°C(Peak temperature)
tm
Tm
180
°C(Melting point temperature)
tm
10 s(Melting time)
{ } : Reference only
SLIDE SWITCHES (SMD)
CHS
s Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
COPAL ELECTRONICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com