Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985-12DBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2985-12DBVT
Description  150-mA LOW-NOISE, LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-12DBVT Datasheet(HTML) 3 Page - Texas Instruments

  LP2985-12DBVT Datasheet HTML 1Page - Texas Instruments LP2985-12DBVT Datasheet HTML 2Page - Texas Instruments LP2985-12DBVT Datasheet HTML 3Page - Texas Instruments LP2985-12DBVT Datasheet HTML 4Page - Texas Instruments LP2985-12DBVT Datasheet HTML 5Page - Texas Instruments LP2985-12DBVT Datasheet HTML 6Page - Texas Instruments LP2985-12DBVT Datasheet HTML 7Page - Texas Instruments LP2985-12DBVT Datasheet HTML 8Page - Texas Instruments LP2985-12DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
LP2985LV
150mA LOW NOISE, LOW DROPOUT REGULATOR
WITH SHUTDOWN FOR OUTPUT VOLTAGES <2.3 V
SLVS552 − OCTOBER 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ORDERING INFORMATION
TJ
PART
GRADE
VOUT
(NOM)
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
1.25 V
Reel of 3000
LP2985A-12DBVR
1.25 V
Reel of 250
LP2985A-12DBVT
1.35 V
Reel of 3000
LP2985A-13DBVR
1.35 V
Reel of 250
LP2985A-13DBVT
1.5 V
Reel of 3000
LP2985A-15DBVR
1.5 V
SOT23-5 (DBV)
Reel of 250
LP2985A-15DBVT
1.7 V
SOT23-5 (DBV)
Reel of 3000
LP2985A-17DBVR
1.7 V
Reel of 250
LP2985A-17DBVT
1.8 V
Reel of 3000
LP2985A-18DBVR
LPT_
1.8 V
Reel of 250
LP2985A-18DBVT
LPT_
2 V
Reel of 3000
LP2985A-20DBVR
2 V
Reel of 250
LP2985A-20DBVT
1.25 V
LP2985A-12YEQR
1.35 V
LP2985A-13YEQR
1.5 V
NanoStar
 − WCSP
Reel of 3000
LP2985A-15YEQR
1.7 V
NanoStar
− WCSP
0.17-mm Bump (YEQ)
Reel of 3000
LP2985A-17YEQR
1.8 V
0.17-mm Bump (YEQ)
LP2985A-18YEQR
−40
°C to 125°C
A grade:
2 V
LP2985A-20YEQR
−40
°C to 125°C
A grade:
1% tolerance
1.25 V
LP2985A-12YZQR
1% tolerance
1.35 V
NanoFree
− WCSP
LP2985A-13YZQR
1.5 V
NanoFree
 − WCSP
0.17-mm Bump
Reel of 3000
LP2985A-15YZQR
1.7 V
0.17-mm Bump
(YZQ, Pb-free)
Reel of 3000
LP2985A-17YZQR
1.8 V
(YZQ, Pb-free)
LP2985A-18YZQR
2 V
LP2985A-20YZQR
1.25 V
LP2985A-12YEUR
1.35 V
LP2985A-13YEUR
1.5 V
NanoStar
 − WCSP
Reel of 3000
LP2985A-15YEUR
1.7 V
NanoStar
− WCSP
0.30-mm Bump (YEU)
Reel of 3000
LP2985A-17YEUR
1.8 V
0.30-mm Bump (YEU)
LP2985A-18YEUR
2 V
LP2985A-20YEUR
1.25 V
LP2985A-12YZUR
1.35 V
NanoFree
− WCSP
LP2985A-13YZUR
1.5 V
NanoFree
 − WCSP
0.30-mm Bump
Reel of 3000
LP2985A-15YZUR
1.7 V
0.30-mm Bump
(YZU, Pb-free)
Reel of 3000
LP2985A-17YZUR
1.8 V
(YZU, Pb-free)
LP2985A-18YZUR
2 V
LP2985A-20YZUR
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DBV: The actual top-side marking has one additional character that designates the assembly/test site.
YEQ/YZQ, YEU/YZU: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one
following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com