Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F569 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F569
Description  4-bit bidirectional binary synchronous counter 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F569 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F569 Datasheet HTML 1Page - NXP Semiconductors 74F569 Datasheet HTML 2Page - NXP Semiconductors 74F569 Datasheet HTML 3Page - NXP Semiconductors 74F569 Datasheet HTML 4Page - NXP Semiconductors 74F569 Datasheet HTML 5Page - NXP Semiconductors 74F569 Datasheet HTML 6Page - NXP Semiconductors 74F569 Datasheet HTML 7Page - NXP Semiconductors 74F569 Datasheet HTML 8Page - NXP Semiconductors 74F569 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74F569
4-bit bidirectional binary synchronous counter (3-State)
2
1996 Jan 05
853–0376 16193
FEATURES
• 4-bit bidirectional counting – binary counter
• Synchronous counting and loading
• Look ahead carry capability for easy cascading
• Preset capability for programmable operation
• Master Reset (MR) overrides all other inputs
• Synchronous Reset (SR) overrides counting and parallel loading
• Clock Carry (CC) output to be used as a clock for flip-flops,
register and counters
• 3-State outputs for bus organized systems
DESCRIPTION
The 74F569 is a fully synchronous Up/Down binary counter. It
features preset capabilities for programmable operation, carry look
ahead for programmable operation, carry look ahead for easy
cascading, and U/D input to control the direction of counting. For
maximum flexibility there are both Synchronous and Master Reset
inputs as well as both Clocked Carry (CC) and Terminal Count (TC)
outputs. All state changes except Master Reset are initiated by
rising edge of the clock. A High signal on the Output Enable (OE)
input forces the output buffers into the high impedance state but
does not prevent counting, resetting or parallel loading.
PIN CONFIGURATION
20
19
18
17
16
15
14
13
8
7
6
5
4
3
2
1
VCC
TC
Q0
Q1
Q2
Q3
CET
PE
U/D
CP
D0
D1
D2
D3
CEP
GND
SF01072
MR
SR
CC
OE
12
11
10
9
TYPE
TYPICAL fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F569
115MHz
40mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG.
DWG. #
20-pin plastic DIP
N74F569N
SOT146-1
20-pin plastic SO
N74F569D
SOT163-1
LOGIC SYMBOL
11
345
6
19
13
14
15
16
1
2
7
12
CP
CEP
CET
PE
D0
D1
D2
D3
Q0
Q1
Q2
Q3
TC
U/D
SF01056
8
9
MR
SR
17
OE
18
CC
VCC = Pin 20
GND = Pin 10
LOGIC SYMBOL (IEEE/IEC)
M2[DOWN]
3
3,5D
EN10
SF01057
C5/1,4,7,8+/2,4,7,8–
M1[UP]
CTR DIV 10
19
1,7(CT=15)G9
2,7(CT=0)G9
Z6
G7
10
G8
M4[COUNT]
5CT=0
M3[LOAD]
CT=0
18
6,7,8,9
4
5
6
15
14
13
16
17
1
2
12
7
9
11
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com