Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1206Y393DZGALTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # C1206Y393DZGALTU
Description  Floating Electrode (FF-CAP), High Voltage with Flexible Termination C0G Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206Y393DZGALTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C1206Y393DZGALTU Datasheet HTML 2Page - Kemet Corporation C1206Y393DZGALTU Datasheet HTML 3Page - Kemet Corporation C1206Y393DZGALTU Datasheet HTML 4Page - Kemet Corporation C1206Y393DZGALTU Datasheet HTML 5Page - Kemet Corporation C1206Y393DZGALTU Datasheet HTML 6Page - Kemet Corporation C1206Y393DZGALTU Datasheet HTML 7Page - Kemet Corporation C1206Y393DZGALTU Datasheet HTML 8Page - Kemet Corporation C1206Y393DZGALTU Datasheet HTML 9Page - Kemet Corporation C1206Y393DZGALTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
C1126_C0G_HV_FF-CAP_SMD • 2/16/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Floating Electrode (FF-CAP), High Voltage with Flexible Termination C0G Dielectric,
500 – 3,000 VDC (Commercial & Automotive Grade)
Table 1A – Capacitance Range/Selection Waterfall (0805 – 1808 Case Sizes) cont.
These products are protected under US Patent 7,172,985 & 7,670,981, other patents pending, and any foreign counterparts.
Capacitance
Capacitance
Code
Case Size/
Series
C0805Y
C1206Y
C1210Y
C1808Y
Voltage Code
C
B
D
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
Z
H
Rated Voltage
(VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
270 pF
271
F
G
J
K
M DG DG DG ES ES ES EU EU FZ FZ FZ FK FK LA LA LA LB LC LC
300 pF
301
F
G
J
K
M
ES ES EF EU
FZ FZ FZ FK FK LA LA LA LB LC LC
330 pF
331
F
G
J
K
M
ES ES EF EU
FZ FZ FZ FK FK LA LA LA LB LC LC
360 pF
361
F
G
J
K
M
ES ES EF EU
FZ FZ FZ FK FS LA LA LA LB LA LC
390 pF
391
F
G
J
K
M
ES ES EF EU
FZ FZ FZ FK FS LA LA LA LB LA LC
430 pF
431
F
G
J
K
M
ES ES EU EU
FM FM FM FS FS LB LB LB LC LA
470 pF
471
F
G
J
K
M
ES ES EU EU
FM FM FM FS FS LB LB LB LC LA
510 pF
511
F
G
J
K
M
ES ES EU EU
FM FM FM FS FS LB LB LB LC LB
560 pF
561
F
G
J
K
M
ES ES EU EU
FM FM FM FS FS LB LB LB LC LB
620 pF
621
F
G
J
K
M
EU EU EU
FM FM FM FS FS LB LB LB LA LC
680 pF
681
F
G
J
K
M
EU EU EU
FM FM FM FS FS LB LB LB LA LC
750 pF
751
F
G
J
K
M
EU EU EU
FM FM FM FS
LB LB LB LB
820 pF
821
F
G
J
K
M
EU EU EU
FM FM FM FS
LB LB LB LB
910 pF
911
F
G
J
K
M
EU EU EU
FM FM FM FS
LB LB LB LB
1,000 pF
102
F
G
J
K
M
EU EU EU
FM FM FM FS
LB LB LB LB
1,100 pF
112
F
G
J
K
M
FK FK FK FS
LC LC LC LC
1,200 pF
122
F
G
J
K
M
FK FK FK FS
LC LC LC LC
1,300 pF
132
F
G
J
K
M
FS FS FS
LC LC LC LC
1,500 pF
152
F
G
J
K
M
FS FS FS
LC LC LC LC
1,600 pF
162
F
G
J
K
M
FS FS FS
LC LC LC
1,800 pF
182
F
G
J
K
M
FS FS FS
LC LC LC
2,000 pF
202
F
G
J
K
M
FS FS FS
LB LB LB
2,200 pF
222
F
G
J
K
M
FS FS FS
LB LB LB
2,400 pF
242
F
G
J
K
M
FS FS FS
LC LC LC
2,700 pF
272
F
G
J
K
M
FS FS FS
LC LC LC
Capacitance
Capacitance
Code
Rated Voltage
(VDC)
Voltage Code
C
B
D
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
Z
H
Case Size/Series
C0805Y
C1206Y
C1210Y
C1808Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com