Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP4018FA-R33M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP4018FA-R33M
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP4018FA-R33M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP4018FA-R33M Datasheet HTML 1Page - Bourns Electronic Solutions SRP4018FA-R33M Datasheet HTML 2Page - Bourns Electronic Solutions SRP4018FA-R33M Datasheet HTML 3Page - Bourns Electronic Solutions SRP4018FA-R33M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
■
Shielded construction
■
Metal alloy powder core
■
High saturation current
■
Low buzz noise
■
Flat wire
■
AEC-Q200 compliant
■
RoHS compliant* and halogen free**
SRP4018FA Series – Shielded Power Inductors
Operating Temperature
................................-55 °C to +155 °C
(Temperature rise included)
Storage Temperature (Component)
................................-55 °C to +155 °C
Rated Current
Inductance drops 10, 20 or 30 % at Isat
Temperature Rise
................... 20 or 40 °C at rated Irms1
MSL ...................................................... 1
ESD Classification (HBM)................. N/A
Note 1: Circuit design, component, PCB trace size and
thickness, airflow and other cooling provisions all can
affect the part temperature. Part temperature should be
verified in the end application.
Electrical Specifications @ 25 °C
General Specifications
Core.......................... Metal alloy powder
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging..... 3000 pcs. per 13-inch reel
Materials
Typical Part Marking
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less;
(b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice. Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
R68
YYWW
INDUCTANCE
CODE
DATE CODE:
YY = LAST TWO DIGITS OF YEAR
WW = WEEK NUMBER
1R0
1933
Bourns
Part Number
Inductance
@ 100 kHz / 0.1 V
Q
Min.
@ 100
kHz
SRF
(MHz)
Typ.
DCR
(mΩ)
Typ.
DCR
(mΩ)
Max.
I rms (A)
Typ.
I sat (A)
Typ.
L (μH)
Tol. %
20 °C
Temp. Rise
40 °C
Temp. Rise
10 % L
Drop
20 % L
Drop
30 % L
Drop
SRP4018FA-R33M
0.33
± 20 %
15
92
4.7
5.2
11
15
8.0
11.5
15
SRP4018FA-R47M
0.47
± 20 %
15
90
6.0
6.8
9.8
13.2
7.0
10.0
14
SRP4018FA-R60M
0.60
± 20 %
15
85
6.9
7.8
9.4
12.4
5.8
8.8
12.8
SRP4018FA-R68M
0.68
± 20 %
15
73
7.3
8.2
9.2
12
5.2
8.0
11.6
SRP4018FA-R82M
0.82
± 20 %
15
62
8.6
9.5
8.5
11.5
4.8
6.5
10.2
SRP4018FA-1R0M
1.00
± 20 %
15
56
10.6
11.7
8.0
11
4.5
5.4
9.2
SRP4018FA-1R2M
1.20
± 20 %
15
53
12.2
13.4
7.2
9.5
4.3
5.0
8.6
R68
1933
4.1 ± 0.2
(.161 ± .008)
3.4 ± 0.3
(.134 ± .012)
1.8 ± 0.2
(.071 ± .008)
0.88 ± 0.2
(.035 ± .008)
4.1 ± 0.2
(.161 ± .008)
1.6 ± 0.25
(.063 ± .010)
Product Dimensions
DIMENSIONS:
MM
INCHES
How to Order
SRP4018FA - 1R0M
Model
Value Code (see table)
Schematic
3.8
(.150)
REF.
REF.
REF.
3.4
(.134)
1.4
(.055)
Recommended Layout


Similar Part No. - SRP4018FA-R33M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP4012 BOURNS-SRP4012 Datasheet
312Kb / 2P
Shielded Power Inductors
SRP4012-1R0M BOURNS-SRP4012-1R0M Datasheet
312Kb / 2P
Shielded Power Inductors
SRP4012-1R2M BOURNS-SRP4012-1R2M Datasheet
312Kb / 2P
Shielded Power Inductors
SRP4012-1R5M BOURNS-SRP4012-1R5M Datasheet
312Kb / 2P
Shielded Power Inductors
SRP4012-R22M BOURNS-SRP4012-R22M Datasheet
312Kb / 2P
Shielded Power Inductors
More results

Similar Description - SRP4018FA-R33M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com