Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP4018FA-R68M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRP4018FA-R68M
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP4018FA-R68M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRP4018FA-R68M Datasheet HTML 1Page - Bourns Electronic Solutions SRP4018FA-R68M Datasheet HTML 2Page - Bourns Electronic Solutions SRP4018FA-R68M Datasheet HTML 3Page - Bourns Electronic Solutions SRP4018FA-R68M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Soldering Profile
L vs. I Charts
0
3.5
10.5
7.0
14.0
17.5
SRP4018FA-R33M
0
0.10
0.20
0.30
0.40
0.50
DC Current (A)
0
20
40
60
80
100
DC Current (A)
0.60
0.48
0.36
0.24
0.12
0
SRP4018FA-R47M
100
80
60
40
20
0
SRP4018FA-R60M
0.80
0.64
0.48
0.32
0.16
0
DC Current (A)
0
3
6
9
12
15
100
80
60
40
20
0
SRP4018FA-R68M
0.90
0.72
0.54
0.36
0.18
0
DC Current (A)
03
9
612
15
0
20
40
60
80
100
SRP4018FA-R82M
1.0
0.8
0.6
0.4
0.2
0
DC Current (A)
0
3
6
9
12
15
100
80
60
40
20
0
1.25
1.00
0.75
0.50
0.25
0
DC Current (A)
SRP4018FA-1R0M
0
3
6
9
12
15
100
80
60
40
20
0
0
3.5
7.0
10.5
14.0
17.5
SRP4018FA-1R2M
1.5
1.2
0.9
0.6
0.3
0
DC Current (A)
0
2.5
5.0
7.5
10.0
12.5
100
80
60
40
20
0
SRP4018FA Series – Shielded Power Inductors
25
Time (Seconds)
REFLOW TIMES: 3 MAX.
150
200
217
tp (245 °C / 20~40 seconds)
TP (260 °C / 10 seconds max.)
PRE-HEATING
SOLDERING
NATURAL
COOLING
60 ~ 150 seconds
60 ~ 180 seconds
480 seconds max.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com